Electronic Components Datasheet Search
  English  ▼

X  

LC74775 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC74775
Description  On-Screen Display Controller IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74775 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC74775 Datasheet HTML 9Page - Sanyo Semicon Device LC74775 Datasheet HTML 10Page - Sanyo Semicon Device LC74775 Datasheet HTML 11Page - Sanyo Semicon Device LC74775 Datasheet HTML 12Page - Sanyo Semicon Device LC74775 Datasheet HTML 13Page - Sanyo Semicon Device LC74775 Datasheet HTML 14Page - Sanyo Semicon Device LC74775 Datasheet HTML 15Page - Sanyo Semicon Device LC74775 Datasheet HTML 16Page - Sanyo Semicon Device LC74775 Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
No. 5919-13/35
LC74775, 74775M
DA 0 to 7
Register
Contents
Notes
State
Function
7
–
1
6
–
1
Command 4 identification code.
5
–
0
Display character data write setup.
4
–
0
3
TSTMOD
0
Normal operating mode
This bit must be set to 0
1
Test mode
2
RAMERS
0
Erasing RAM takes about 500 µs. (This operation
1
Erase display RAM.(The RAM data is set to 7F hexadecimal.)
must be executed in the DSPOFF state.)
1
OSCSTP
0
Do not stop the crystal and VCO oscillators
Valid in external synchronization mode when
1
Stop the crystal and VCO oscillators
character display is off
0
The registers are reset when the CS pin is
0
SYSRST
1
Reset all registers and turn display off
low, and the reset state is cleared when CS
is set high.
• First byte
COMMAND4 (Display control setup command)
DA 0 to 7
Register
Contents
Notes
State
Function
7
–
0
Second byte identification bit
6
BLK2
0
Character display area
Specifies the size for complete fill in
1
Video display area
5
BLK1
0
1
Changes the blanking size
4
BLK0
0
1
3
BK1
0
Blinking period: About 0.5 s
Switches the blinking period
1
Blinking period: About 1.0 s
2
BK0
0
Blinking off
1
Blinking on
1
RV
0
Reverse video off
1
Reverse video on
0
DSPON
0
Character display off
1
Character display on
• Second byte
Note: All registers are set to 0 when the LC74775/M is reset by the RST pin.
BLK0
0
1
BLK1
0
Blanking off
Character size
1
Frame size
Complete fill in size
Blinking in character reverse video mode
switches the display between normal
character display and reverse video display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com