Electronic Components Datasheet Search
  English  ▼

X  

LC74775 Datasheet(PDF) 16 Page - Sanyo Semicon Device

Part # LC74775
Description  On-Screen Display Controller IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74775 Datasheet(HTML) 16 Page - Sanyo Semicon Device

Back Button LC74775 Datasheet HTML 12Page - Sanyo Semicon Device LC74775 Datasheet HTML 13Page - Sanyo Semicon Device LC74775 Datasheet HTML 14Page - Sanyo Semicon Device LC74775 Datasheet HTML 15Page - Sanyo Semicon Device LC74775 Datasheet HTML 16Page - Sanyo Semicon Device LC74775 Datasheet HTML 17Page - Sanyo Semicon Device LC74775 Datasheet HTML 18Page - Sanyo Semicon Device LC74775 Datasheet HTML 19Page - Sanyo Semicon Device LC74775 Datasheet HTML 20Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
No. 5919-16/35
LC74775, 74775M
DA 0 to 7
Register
Contents
Notes
State
Function
7
–
1
6
–
1
Command 7 identification code.
5
–
1
Display control setup.
4
–
1
3
–
0
2
–
0
Extended command 0 identification code
1
–
0
0
–
0
• First byte
COMMAND7 (Display control setup command)
DA 0 to 7
Register
Contents
Notes
State
Function
7
0
Second byte identification bit
6
CINSEL
0
Blank area (The logical OR of the character and frame signals)
CVCR on signal switching
1
Video signal display area
5
CINCTL
0
CVCR: off
CVCR on/off switching
1
CVCR: on
4
VNPSEL
0
V falling edge detection
Switches the V acquisition polarity in external
1
V rising edge detection
mode when internal V separation is used.
3
VSPSEL
0
VSEP: about 8.9 µs (NTSC)
Switches the internal V separation period
1
VSEP: about 17.8 µs (NTSC)
2
MSKERS
0
Mask valid
Clears the HSYNC and VSYNK masks
1
Mask invalid
1
MSKSEL
0
3H (NTSC)
Switches the VSYNC mask
1
20H (NTSC)
0
EGL
0
Frame level 0 only (VBK0)
Switches the frame level.
1
Two-stage frame level (VBK0 and VBK1)
(Only valid when BLK0 is 0 and BLK1 is 1.)
• Second byte
Note: All registers are set to 0 when the LC74775/M is reset by the RST pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com