Electronic Components Datasheet Search
  English  ▼

X  

LC74775 Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC74775
Description  On-Screen Display Controller IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74775 Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC74775 Datasheet HTML 17Page - Sanyo Semicon Device LC74775 Datasheet HTML 18Page - Sanyo Semicon Device LC74775 Datasheet HTML 19Page - Sanyo Semicon Device LC74775 Datasheet HTML 20Page - Sanyo Semicon Device LC74775 Datasheet HTML 21Page - Sanyo Semicon Device LC74775 Datasheet HTML 22Page - Sanyo Semicon Device LC74775 Datasheet HTML 23Page - Sanyo Semicon Device LC74775 Datasheet HTML 24Page - Sanyo Semicon Device LC74775 Datasheet HTML 25Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
No. 5919-21/35
LC74775, 74775M
DA 0 to 7
Register
Contents
Notes
State
Function
7
–
0
Second byte identification bit
6
–
0
5
OTDCS1
0
1
External synchronization mode dot clock setting
4
OTDCS0
0
1
3
HLFTON
0
1
0
2
SEL2
1
1
OTHS
0
CSYNCB (sync separator)
External synchronization mode H input switching
1
HDB (slicer AFC)
0
IND3
0
LC oscillator
Internal synchronization mode dot clock setup
1
Crystal oscillator
OTDS1
OTDS0
Dot clock
0
0
LC oscillator
0
1
Crystal oscillator
1
0
VCO
DA 0 to 7
Register
Contents
Notes
State
Function
7
–
1
6
–
1
Command 7 identification code.
5
–
1
Display control setup.
4
–
1
3
–
0
2
–
1
Extended command 5 identification code
1
–
0
0
–
1
• First byte
COMMAND12 (Display control setup command)
• Second byte
SEL2
HLFTON
Output
0
0
SYNCJDG
0
1
Halftone
1
0
LOCK
1
1
SYNCDET
SYNCJDG pin (pin 8) output switching.
The halftone output line specification depends
on background color specification (the logical
OR of the 3-line specification).
Note: All registers are set to 0 when the LC74775/M is reset by the RST pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com