Electronic Components Datasheet Search
  English  ▼

X  

MPC5602D Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC5602D
Description  Up to 256 KB on-chip Code Flash supported with Flash controller and ECC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602D Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC5602D Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 77 page
background image
MPC5602D Microcontroller Data Sheet, Rev. 3.1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
24
4.6
Thermal characteristics
4.6.1
Package thermal characteristics
Table 10. LQFP thermal characteristics1
1 Thermal characteristics are targets based on simulation that are subject to change per device characterization.
Symbol
C
Parameter
Conditions2
2 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = –40 to 125 °C
Pin count
Value3
3 All values need to be confirmed during device validation.
Unit
RJA CC
D
Thermal resistance,
junction-to-ambient natural
convection4
4 Junction-to-ambient thermal resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board
meets JEDEC specification for this package. When Greek letters are not available, the symbols are typed as RthJA
and RthJMA.
Single-layer board —1s
64
72.1
°C/W
100
65.2
Four-layer board — 2s2p
64
57.3
100
51.8
RJB CC
D
Thermal resistance,
junction-to-board5
5 Junction-to-board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC
specification for the specified package. When Greek letters are not available, the symbols are typed as RthJB.
Single-layer board — 1s
64
45.6
°C/W
100
42.6
Four-layer board — 2s2p
64
44.1
100
41.3
RJC CC
D
Thermal resistance,
junction-to-case6
6 Junction-to-case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate
temperature is used for the case temperature. Reported value includes the thermal resistance of the interface layer.
When Greek letters are not available, the symbols are typed as RthJC.
Single-layer board — 1s
64
26.5
°C/W
100
23.9
Four-layer board — 2s2p
64
26.2
100
23.7
JB
CC
D
Junction-to-board thermal
characterization parameter, natural
convection
Single-layer board — 1s
64
41
°C/W
100
41.6
Four-layer board — 2s2p
64
43
100
43.4
JC
CC
D
Junction-to-case thermal
characterization parameter, natural
convection
Single-layer board — 1s
64
11.5
°C/W
100
10.4
Four-layer board — 2s2p
64
11.1
100
10.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com