Electronic Components Datasheet Search
  English  ▼

X  

MPC5602D Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC5602D
Description  Up to 256 KB on-chip Code Flash supported with Flash controller and ECC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602D Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC5602D Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
Block diagram
MPC5602D Microcontroller Data Sheet, Rev. 3.1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
5
2
Block diagram
Figure 1 shows a top-level block diagram of the MPC5602D device series.
Figure 1. MPC5602D series block diagram
2 x
DSPI
FMPLL
Nexus 1
SRAM
SIUL
Reset Control
16 KB
External
IMUX
GPIO &
JTAG
Pad Control
JTAG Port
e200z0h
Interrupt requests
1 x
FlexCAN
Peripheral Bridge
Interrupt
Request
Interrupt
Request
I/O
Clocks
Instructions
Data
Voltage
Regulator
NMI
SWT
PIT
STM
NMI
SIUL
. . .
. . .
. . .
. . .
INTC
3 x
LINFlex
1 x
eMIOS
33 ch.
ADC
CMU
SRAM
Flash
Code Flash
256 KB
Data Flash
64 KB
MC_PCU
MC_ME
MC_CGM
MC_RGM
BAM
CTU
RTC
SSCM
(Master)
(Master)
(Slave)
(Slave)
(Slave)
Controller
Controller
Legend:
ADC
Analog-to-Digital Converter
BAM
Boot Assist Module
CMU
Clock Monitor Unit
CTU
Cross Triggering Unit
DSPI
Deserial Serial Peripheral Interface
ECSM
Error Correction Status Module
eDMA
Enhanced Direct Memory Access
eMIOS
Enhanced Modular Input Output System
Flash
Flash memory
FlexCAN
Controller Area Network (FlexCAN)
FMPLL
Frequency-Modulated Phase-Locked Loop
IMUX
Internal Multiplexer
INTC
Interrupt Controller
JTAG
JTAG controller
LINFlex
Serial Communication Interface (LIN support)
MC_CGM Clock Generation Module
MC_ME
Mode Entry Module
MC_PCU
Power Control Unit
MC_RGM Reset Generation Module
NMI
Non-Maskable Interrupt
PIT
Periodic Interrupt Timer
RTC
Real-Time Clock
SIUL
System Integration Unit Lite
SRAM
Static Random-Access Memory
SSCM
System Status Configuration Module
STM
System Timer Module
SWT
Software Watchdog Timer
WKPU
Wakeup Unit
XBAR
Crossbar switch
eDMA
ECSM
from peripheral
blocks
WKPU
Request
Interrupt
Request
(Master)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com