Electronic Components Datasheet Search
  English  ▼

X  

MPC5602D Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC5602D
Description  Up to 256 KB on-chip Code Flash supported with Flash controller and ECC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602D Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC5602D Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
Electrical characteristics
MPC5602D Microcontroller Data Sheet, Rev. 3.1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
33
PE[3]
7%
10%
9%
9%
PC[5]
8%
11%
9%
10%
PC[4]
8%
11%
9%
10%
PE[4]
8%
12%
10%
10%
PE[5]
8%
12%
10%
11%
PE[6]
9%
12%
10%
11%
PE[7]
9%
12%
10%
11%
PC[12]
9%
13%
11%
11%
PC[13]
9%
9%
11%
11%
PC[8]
9%
9%
11%
11%
PB[2]
9%
13%
11%
12%
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified
Table 18. I/O weight1 (continued)
PAD
100/64 LQFP
Weight 5V
SRC = 0
Weight 5V
SRC = 1
Weight 3.3V
SRC = 0
Weight 3.3V
SRC = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com