Electronic Components Datasheet Search
  English  ▼

X  

LC7574 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC7574
Description  1/2 Duty VFD Driver with Key Input Function
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7574 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC7574 Datasheet HTML 1Page - Sanyo Semicon Device LC7574 Datasheet HTML 2Page - Sanyo Semicon Device LC7574 Datasheet HTML 3Page - Sanyo Semicon Device LC7574 Datasheet HTML 4Page - Sanyo Semicon Device LC7574 Datasheet HTML 5Page - Sanyo Semicon Device LC7574 Datasheet HTML 6Page - Sanyo Semicon Device LC7574 Datasheet HTML 7Page - Sanyo Semicon Device LC7574 Datasheet HTML 8Page - Sanyo Semicon Device LC7574 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Block Diagram
Pin Descriptions
No. 6142-5/18
LC75742E, LC75742W
Pin No.
Pin
Function
I/O
Handling when unused
3
VFL
Driver block power supply. Applications must provide a voltage in the range 8.0 to 18.0 V.
—
—
59
VDD
Logic block power supply. Applications must provide a voltage in the range 4.5 to 5.5 V.
—
—
56
VSS
Power supply ground. This pin must be connected to the system ground.
—
—
58
OSCI
I
GND
57
OSCO
O
OPEN
Reset signal input used to initialize the IC internal state. During a reset,
60
BLK
the display is turned off forcibly regardless of the internal display data.
I
GND
Also note that the internal key data is all reset to 0 and key scan operations are disabled.
However, serial data input is possible in this state.
63
CL
64
DI
I
GND
62
CE
61
DO
O
OPEN
1, 2
G1, G2
Digit outputs. The frame frequency fO is (fOSC/4096) Hz.
O
OPEN
44 to 4
S1 to S41
Segment outputs that display the display data transferred over the serial interface.
O
OPEN
Key scan outputs. Normally, when a key matrix is formed, diodes are inserted in the key
45 to 50
KS1 to KS6
scan timing lines to prevent shorts. However, since this IC uses unbalanced CMOS outputs
O
OPEN
in the output transistor circuit, the IC will not be damaged if these outputs are shorted.
51 to 55
KI1 to KI5
Key scan inputs. Pull-down resistors are built into the IC internal pin circuits.
I
GND
Serial data interface. These pins must be connected to the system microcontroller.
Note that since DO is an open-drain output, a pull-up resistor is required.
CL: Synchronization clock
DI: Transfer data
CE: Chip enable
DO: Output data
Oscillator circuit connections. An oscillator circuit is formed by connecting a resistor and a
capacitor externally to these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com