Electronic Components Datasheet Search
  English  ▼

X  

LC7574 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC7574
Description  1/2 Duty VFD Driver with Key Input Function
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7574 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC7574 Datasheet HTML 2Page - Sanyo Semicon Device LC7574 Datasheet HTML 3Page - Sanyo Semicon Device LC7574 Datasheet HTML 4Page - Sanyo Semicon Device LC7574 Datasheet HTML 5Page - Sanyo Semicon Device LC7574 Datasheet HTML 6Page - Sanyo Semicon Device LC7574 Datasheet HTML 7Page - Sanyo Semicon Device LC7574 Datasheet HTML 8Page - Sanyo Semicon Device LC7574 Datasheet HTML 9Page - Sanyo Semicon Device LC7574 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Serial Data Input
• When stopped with CL at the low level
No. 6142-6/18
LC75742E, LC75742W
Note: don’t care
DD:
Direction data
• When stopped with CL at the high level
Note: don’t care
DD:
Direction data
Figure 2
• CCB address: Applications must send the value 01110001B (8EH) as shown in figure 2.
• D1 to D41:
Segment display data for the G1 digit output pin
Dn (n = 1 to 41) = 1: Segment on
Dn (n = 1 to 41) = 0: Segment off
• D42 to D82:
Segment display data for the G2 digit output pin
Dn (n = 42 to 82) = 1: Segment on
Dn (n = 42 to 82) = 0: Segment off
• S0, S1:
Sleep control data
• DM0 to DM9: Dimmer data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com