Electronic Components Datasheet Search
  English  ▼

X  

LC7574 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC7574
Description  1/2 Duty VFD Driver with Key Input Function
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7574 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC7574 Datasheet HTML 3Page - Sanyo Semicon Device LC7574 Datasheet HTML 4Page - Sanyo Semicon Device LC7574 Datasheet HTML 5Page - Sanyo Semicon Device LC7574 Datasheet HTML 6Page - Sanyo Semicon Device LC7574 Datasheet HTML 7Page - Sanyo Semicon Device LC7574 Datasheet HTML 8Page - Sanyo Semicon Device LC7574 Datasheet HTML 9Page - Sanyo Semicon Device LC7574 Datasheet HTML 10Page - Sanyo Semicon Device LC7574 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Control Data
• S0, S1: Sleep control data
This control data controls switching between sleep mode and normal mode, and also sets the states of the KS1 to KS6
key scan output pins in key scan standby mode.
• DM0 to DM9: Dimmer data
This data controls the duty of the G1, G2 digit output pins. This data forms a 10-bit binary value in which D0 is the
LSB. The brightness of the display can be controlled by adjusting the duty of the G1, G2 digit output pins. The table
lists the relationship between the dimmer data and the dimmer value.
t3 and t4: See figure 5.
Relationship between the Display Data (D1 to D82) and the Segment Output Pins
As an example, the table below lists the operation of the S11 segment output pin.
No. 6142-7/18
LC75742E, LC75742W
Control data
Mode
Clock generator
Segment outputs
Output pin states during key scan standby
S0
S1
(oscillator circuit)
Digit output
KS1
KS2
KS3
KS4
KS5
KS6
0
0
Normal
Oscillator operating
Operating
H
H
H
H
H
H
0
1
Sleep
Stopped
L
L
L
L
L
L
H
1
0
Sleep
Stopped
L
L
L
L
L
H
H
1
1
Sleep
Stopped
L
H
H
H
H
H
H
DM9
DM8
DM7
DM6
DM5
DM4
DM3
DM2
DM1
DM0
Dimmer value (t4/t3)
0
0
0
0
0
0
0
0
0
0
0/1024
0
0
0
0
0
0
0
0
0
1
1/1024
0
0
0
0
0
0
0
0
1
0
2/1024
to
to
1
1
1
1
1
1
1
1
0
0
1020/1024
1
1
1
1
1
1
1
1
0
1
1021/1024
1
1
1
1
1
1
1
1
1
0
1022/1024
1
1
1
1
1
1
1
1
1
1
Illegal setting
Segment
G1
G2
output pin
S1
D1
D42
S2
D2
D43
S3
D3
D44
S4
D4
D45
S5
D5
D46
S6
D6
D47
S7
D7
D48
S8
D8
D49
S9
D9
D50
S10
D10
D51
S11
D11
D52
S12
D12
D53
S13
D13
D54
S14
D14
D55
Segment
G1
G2
output pin
S15
D15
D56
S16
D16
D57
S17
D17
D58
S18
D18
D59
S19
D19
D60
S20
D20
D61
S21
D21
D62
S22
D22
D63
S23
D23
D64
S24
D24
D65
S25
D25
D66
S26
D26
D67
S27
D27
D68
S28
D28
D69
Segment
G1
G2
output pin
S29
D29
D70
S30
D30
D71
S31
D31
D72
S32
D32
D73
S33
D33
D74
S34
D34
D75
S35
D35
D76
S36
D36
D77
S37
D37
D78
S38
D38
D79
S39
D39
D80
S40
D40
D81
S41
D41
D82
Display data
Segment output pin (S11) state
D11
D52
0
0
The segments corresponding to the G1 and G2 digit output pins are off
0
1
The segment corresponding to the G2 digit output pin is turned on
1
0
The segment corresponding to the G1 digit output pin is on
1
1
The segments corresponding to the G1 and G2 digit output pins are on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com