Electronic Components Datasheet Search
  English  ▼

X  

LC75808 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC75808
Description  1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75808 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC75808 Datasheet HTML 9Page - Sanyo Semicon Device LC75808 Datasheet HTML 10Page - Sanyo Semicon Device LC75808 Datasheet HTML 11Page - Sanyo Semicon Device LC75808 Datasheet HTML 12Page - Sanyo Semicon Device LC75808 Datasheet HTML 13Page - Sanyo Semicon Device LC75808 Datasheet HTML 14Page - Sanyo Semicon Device LC75808 Datasheet HTML 15Page - Sanyo Semicon Device LC75808 Datasheet HTML 16Page - Sanyo Semicon Device LC75808 Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
No. 6370 -13/39
LC75808E, 75808W
y When CL is stopped at the high level.
• When the display data is transferred.
Note: B0 to B3,A0 to A3 ........ CCB address
DD ................................ Direction data
• CCB address: ...... 42H
• D1 to D600: ........ Display data
• KC1 to KC6: ........ Key scan output state setting data
• PC1 to PC4: ........ General-purpose output port state setting data
• CT0 to CT3, CTC: Display contrast setting data
• SC: ...................... Segment on/off control data
• SP: ...................... Normal mode/sleep mode control data
• DT1, DT2: ............ Display technique setting data
• When the control data is transferred.
Display data
Fixed data
Display data
Fixed data
Display data
Fixed data
Display data
Fixed data
Control data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com