Electronic Components Datasheet Search
  English  ▼

X  

LC75808 Datasheet(PDF) 35 Page - Sanyo Semicon Device

Part # LC75808
Description  1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75808 Datasheet(HTML) 35 Page - Sanyo Semicon Device

Back Button LC75808 Datasheet HTML 31Page - Sanyo Semicon Device LC75808 Datasheet HTML 32Page - Sanyo Semicon Device LC75808 Datasheet HTML 33Page - Sanyo Semicon Device LC75808 Datasheet HTML 34Page - Sanyo Semicon Device LC75808 Datasheet HTML 35Page - Sanyo Semicon Device LC75808 Datasheet HTML 36Page - Sanyo Semicon Device LC75808 Datasheet HTML 37Page - Sanyo Semicon Device LC75808 Datasheet HTML 38Page - Sanyo Semicon Device LC75808 Datasheet HTML 39Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
No. 6370 -35/39
LC75808E, 75808W
Sample Application Circuit 5
1/10 duty, 1/4 bias drive technique (for use with normal panels)
Note: *6.
Add a capacitor to the logic block power supply line so that the logic block power supply voltage VDD rise time when power is applied and the
logic block power supply voltage VDD fall time when power drops are both at least 1 ms, as the LC75808E/W is reset by the VDET.
*7.
If a variable resistor is not used for display contrast fine adjustment, the VLCD4 pin must be connected to ground.
*8.
If the function of the INH pin is not used, the INH pin must be connected to the logic block power supply VDD.
*9.
The DO pin, being an open-drain output, requires a pull-up resistor. Select a resistance (between 1 k
Ω to 10 kΩ) appropriate for the capacitance
of the external wiring so that signal waveforms are not degraded.
From the controller
To the controller
To the controller
power supply
Key matrix
(up to 30 keys)
+5 V
+8 V
C
≥ 0.047 µF
LCD panel
*6
*7
*8
*9
Used with the backlight
controller or other circuit.
general-purpose output ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com