Electronic Components Datasheet Search
  English  ▼

X  

LC75808 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC75808
Description  1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75808 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC75808 Datasheet HTML 1Page - Sanyo Semicon Device LC75808 Datasheet HTML 2Page - Sanyo Semicon Device LC75808 Datasheet HTML 3Page - Sanyo Semicon Device LC75808 Datasheet HTML 4Page - Sanyo Semicon Device LC75808 Datasheet HTML 5Page - Sanyo Semicon Device LC75808 Datasheet HTML 6Page - Sanyo Semicon Device LC75808 Datasheet HTML 7Page - Sanyo Semicon Device LC75808 Datasheet HTML 8Page - Sanyo Semicon Device LC75808 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
No. 6370 -3/39
LC75808E, 75808W
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
–0.3 to +7.0
V
VLCD max
VLCD
–0.3 to +12.0
VIN1
CE, CL, DI, INH
–0.3 to +7.0
Input voltage
VIN2
OSC, KI1 to KI5, TEST
–0.3 to VDD +0.3
V
VIN3VLCD1, VLCD2, VLCD3, VLCD4
–0.3 to VLCD +0.3
VOUT1
DO
–0.3 to +7.0
Output voltage
VOUT2
OSC, KS1 to KS6, P1 to P4
–0.3 to VDD +0.3
V
VOUT3VLCD0, S1 to S60, COM1 to COM10
–0.3 to VLCD +0.3
IOUT1
S1 to S60
300
µA
Output current
IOUT2
COM1 to COM10
3
IOUT3
KS1 to KS6
1
mA
IOUT4
P1 to P4
5
Allowable power dissipation
Pd max
Ta = 85°C
200
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Specifications
Absolute Maximum Ratings at Ta=25°C, VSS=0V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VDD
VDD
4.5
6.0
VLCD, When the display contrast adjustment
7.0
11.0
Supply voltage
VLCD
circuit is used
V
VLCD, When the display contrast adjustment
4.5
11.0
circuit is not used
Output voltage
VLCD0VLCD0
VLCD4 + 4.5
VLCD
V
VLCD1VLCD1
3/4
VLCD0
(VLCD0–VLCD4)
VLCD2VLCD2
2/4
VLCD0
Input voltage
(VLCD0–VLCD4)
V
VLCD3VLCD3
1/4
VLCD0
(VLCD0–VLCD4)
VLCD4VLCD4
0
1.5
Input high level voltage
VIH1
CE, CL, DI, INH
0.8 VDD
6.0
V
VIH2
KI1 to KI5
0.6 VDD
VDD
Input low level voltage
VIL
CE, CL, DI, INH, KI1 to KI5
0
0.2 VDD
V
Recommended external resistance
ROSC
OSC
43
k
Ω
Recommended external capacitance
COSC
OSC
680
pF
Guaranteed oscillation range
fOSC
OSC
25
50
100
kHz
Data setup time
tds
CL, DI
:Figure 2
160
ns
Data hold time
tdh
CL, DI
:Figure 2
160
ns
CE wait time
tcp
CE, CL
:Figure 2
160
ns
CE setup time
tcs
CE, CL
:Figure 2
160
ns
CE hold time
tch
CE, CL
:Figure 2
160
ns
High level clock pulse width
tøH
CL
:Figure 2
160
ns
Low level clock pulse width
tøL
CL
:Figure 2
160
ns
DO output delay time
tdc
DO, RPU = 4.7 kΩ, CL = 10 pF *1 :Figure 2
1.5
µs
DO rise time
tdr
DO, RPU = 4.7 kΩ, CL = 10 pF *1 :Figure 2
1.5
µs
Allowable Operating Ranges at Ta = –40 to +85°C, VSS=0V
Note: *1. Since DO is an open-drain output, these values depend on the resistance of the pull-up resistor RPU and the load capacitance CL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com