Electronic Components Datasheet Search
  English  ▼

X  

CY23FS08OXCT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY23FS08OXCT
Description  Failsafe??2.5 V/3.3 V Zero Delay Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FS08OXCT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY23FS08OXCT Datasheet HTML 1Page - Cypress Semiconductor CY23FS08OXCT Datasheet HTML 2Page - Cypress Semiconductor CY23FS08OXCT Datasheet HTML 3Page - Cypress Semiconductor CY23FS08OXCT Datasheet HTML 4Page - Cypress Semiconductor CY23FS08OXCT Datasheet HTML 5Page - Cypress Semiconductor CY23FS08OXCT Datasheet HTML 6Page - Cypress Semiconductor CY23FS08OXCT Datasheet HTML 7Page - Cypress Semiconductor CY23FS08OXCT Datasheet HTML 8Page - Cypress Semiconductor CY23FS08OXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CY23FS08
Document Number: 38-07518 Rev. *F
Page 4 of 15
FailSafe Function
The CY23FS08 is targeted at clock distribution applications that
requires or may require continued operation if the main reference
clock fails. Existing approaches to this requirement have used
multiple reference clocks with either internal or external methods
to switch between references. The problem with this technique
is that it leads to interruptions (or glitches) when transitioning
from one reference to another, often requiring complex external
circuitry or software to maintain system stability. The technique
implemented in this design completely eliminates any switching
of references to the PLL, greatly simplifying system design.
The CY23FS08 PLL is driven by the crystal oscillator, which is
phase-aligned to an external reference clock so that the output
of the device is effectively phase-aligned to reference via the
external feedback loop. This is accomplished by using a digitally
controlled capacitor array to pull the crystal frequency over an
approximate range of ±300 ppm from its nominal frequency.
In this mode, if the reference frequency fails (that is, stops or
disappears), the DCXO maintains its last setting and a flag signal
(FAIL#/SAFE) is set to indicate failure of the reference clock.
The CY23FS08 provides four select bits, S1 through S4 to
control the reference to crystal frequency ratio. The DCXO is
internally tuned to the phase and frequency of the external
reference only when the reference frequency divided by this ratio
is within the DCXO capture range. If the frequency is out of
range, a flag is set on the FAIL#/SAFE pin notifying the system
that the selected reference is not valid. If the reference moves in
range, then the flag is cleared, indicating to the system that the
selected reference is valid.
Figure 2. Fail#/Safe Timing for Input Reference Failing Catastrophically
0101
8.50
30
6.80
24.00
1.70
6.00
44/5
1/5
1011
8.33
30
25.00
90.00
6.25
22.50
43
3/4
0011
8.33
30
2.78
10.00
2.78
10.00
×1
1/3
1/3
1001
8.33
30
8.33
30.00
8.33
30.00
×1
1
1
1111
8.00
25
32.00
100.00
32.00
100.00
×1
4
4
1100
8.00
25
64.00
200.00
64.00
200.00
×1
8
8
0001
8.33
30
1.04
3.75
2.08
7.50
×2
1/8
1/4
0110
8.33
30
4.17
15.00
8.33
30.00
×2
1/2
1
1101
8.33
30
16.67
60.00
33.33
120.00
×2
2
4
0100
8.33
30
4.17
15.00
16.67
60.00
×4
1/2
2
1010
8.33
30
12.50
45.00
50.00
180.00
×4
3/2
6
0010
8.33
30
1.39
5.00
11.11
40.00
×8
1/6
4/3
0111
8.33
30
6.25
22.50
50.00
180.00
×8
3/4
6
Table 2. Configuration Table (continued)
S[4:1]
XTAL (MHz)
REF(MHz)
OUT(MHz)
REF:OUT
Ratio
REF:XTAL
Ratio
Out:XTAL Ratio
Min
Max
Min
Max
Min
Max
RE F
OU T
F A I L#/ S A F E
t
FS L
t
FS H
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com