Electronic Components Datasheet Search
  English  ▼

X  

CY23FS08OXCT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY23FS08OXCT
Description  Failsafe??2.5 V/3.3 V Zero Delay Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FS08OXCT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY23FS08OXCT Datasheet HTML 1Page - Cypress Semiconductor CY23FS08OXCT Datasheet HTML 2Page - Cypress Semiconductor CY23FS08OXCT Datasheet HTML 3Page - Cypress Semiconductor CY23FS08OXCT Datasheet HTML 4Page - Cypress Semiconductor CY23FS08OXCT Datasheet HTML 5Page - Cypress Semiconductor CY23FS08OXCT Datasheet HTML 6Page - Cypress Semiconductor CY23FS08OXCT Datasheet HTML 7Page - Cypress Semiconductor CY23FS08OXCT Datasheet HTML 8Page - Cypress Semiconductor CY23FS08OXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CY23FS08
Document Number: 38-07518 Rev. *F
Page 3 of 15
Pinouts
Figure 1. Pin Configuration
CLKB1
S2
S3
VDDB
CLKB2
S4
VDDB
XIN
VDDC
FAIL#/SAFE
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
28-pin SSOP
REF1
REF2
VSSB
REFSEL
FBK
VSSA
CLKA1
CLKA2
S1
VDDA
9
10
11
12
13
14
VSSB
CLKB3
CLKB4
20
19
18
17
16
15
VSSA
CLKA3
CLKA4
VDDA
XOUT
Notes
1. For normal operation, connect either one of the eight clock outputs to the FBK input.
2. Weak pull downs on all CLK outputs.
3. Weak pull ups on these inputs.
4. Weak pull downs on these inputs.
Table 1. Pin Definitions
Pin Number
Pin Name
Description
1,2
REF1,REF2
Reference clock inputs.[4] 5 V tolerant.
4,5,10,11
CLKB[1:4]
Bank B clock outputs.[1, 2]
25,24,19,18
CLKA[1:4]
Bank A clock outputs.[1, 2]
27
FBK
Feedback input to the PLL.[1]
23,6,7,22
S[1:4]
Frequency select pins/PLL and DCXO bypass.[3]
14
XIN
Reference crystal input.
15
XOUT
Reference crystal output.
16
FAIL#/SAFE
Valid reference indicator. A high level indicates a valid reference input.
13
VDDC
3.3 V power supply for the internal circuitry.
8,12
VDDB
2.5 V or 3.3 V power supply for Bank B outputs.
3,9
VSSB
Ground.
17,21
VDDA
2.5 V or 3.3 V power supply for Bank A outputs.
20,26
VSSA
Ground.
28
REFSEL
Reference select. Selects the active reference clock from either REF1 or REF2.
When REFSEL = 1, REF1 is selected. When REFSEL = 0, REF2 is selected.
Table 2. Configuration Table
S[4:1]
XTAL (MHz)
REF(MHz)
OUT(MHz)
REF:OUT
Ratio
REF:XTAL
Ratio
Out:XTAL Ratio
Min
Max
Min
Max
Min
Max
0000
PLL and DCXO Bypass mode
1000
8.33
30
16.67
60.00
8.33
30.00
22
1
1110
9.50
30
57.00
180.00
28.50
90.00
26
3
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com