Electronic Components Datasheet Search
  English  ▼

X  

NJW4180 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJW4180
Description  High Voltage Low current consumption Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4180 Datasheet(HTML) 3 Page - New Japan Radio

  NJW4180 Datasheet HTML 1Page - New Japan Radio NJW4180 Datasheet HTML 2Page - New Japan Radio NJW4180 Datasheet HTML 3Page - New Japan Radio NJW4180 Datasheet HTML 4Page - New Japan Radio NJW4180 Datasheet HTML 5Page - New Japan Radio NJW4180 Datasheet HTML 6Page - New Japan Radio NJW4180 Datasheet HTML 7Page - New Japan Radio NJW4180 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NJW4180
- 3 -
Ver.2011-01-27
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, VIN=Vo+2.5V (Vo≤3V: VIN =5.5V), CIN=0.1 µF, CO=1µF, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VO
IO=10mA
-1.5%
-
+1.5%
V
Quiescent Current
IQ
IO=0mA
-
9
15
µA
Output Current
Io
VO × 0.9
20
30
-
mA
Line Regulation
∆V
O/∆VIN
VIN = 5.5V to 35V, IO=10mA (VO≤3V)
VIN = VO+2.5V to 35V, IO=10mA (VO>3V)
-
0.02
0.05
%/V
Load Regulation
∆V
O/∆IO
IO=0mA to 20mA
-
0.005
0.02
%/mA
Average Temperature
Coefficient of
Output Voltage
∆V
O/∆Ta
Ta=0 to 85
°C, I
O=10mA
-
± 100
-
ppm/
°C
Sink Current under
Reverse Current
Protection operating
IREVERSE
VIN = 0V, VO = 5V
-
50
75
µA
VO≤3V
5.5
-
35
Input Voltage
VIN
VO>3V
VO+2.5
-
35
V
The above specification is a common specification for all output voltages.
Therefore, it may be different from the individual specification for a specific output voltage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com