Electronic Components Datasheet Search
  English  ▼

X  

NJW4180 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJW4180
Description  High Voltage Low current consumption Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4180 Datasheet(HTML) 8 Page - New Japan Radio

  NJW4180 Datasheet HTML 1Page - New Japan Radio NJW4180 Datasheet HTML 2Page - New Japan Radio NJW4180 Datasheet HTML 3Page - New Japan Radio NJW4180 Datasheet HTML 4Page - New Japan Radio NJW4180 Datasheet HTML 5Page - New Japan Radio NJW4180 Datasheet HTML 6Page - New Japan Radio NJW4180 Datasheet HTML 7Page - New Japan Radio NJW4180 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NJW4180
- 8 -
Ver.2011-01-27
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including the
industrial rights.
NJW4180 5.0V
Ipeak vs. Temperature
0
20
40
60
-50
0
50
100
150
Temperture : Ta [°C]
Vin = 7.5V
Cin = 0.1uF(Ceramic)
Co = 1uF(Ceramic)
NJW4180 5.0V
Ishort vs. Temperature
0
20
40
60
-50
0
50
100
150
Temperture : Ta [°C]
Vin = 7.5V
Vo = 0V
Cin = 0.1uF(Ceramic)
Co = 1uF(Ceramic)
NJW4180 5.0V
Line Regulation vs. Temperature
0
20
40
60
80
100
-50
-25
0
25
50
75
100
Temperture : Ta [°C]
Vin = 7.5V to 35V
Io = 10mA
Cin = 0.1uF(Ceramic)
Co = 1uF(Ceramic)
NJW4180 5.0V
Load Regulation vs. Temperature
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
Temperture : Ta [°C]
Vin = 7.5V
Io = 0 to 20mA
Cin = 0.1uF(Ceramic)
Co = 1uF(Ceramic)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com