Electronic Components Datasheet Search
  English  ▼

X  

NJW4180 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJW4180
Description  High Voltage Low current consumption Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4180 Datasheet(HTML) 5 Page - New Japan Radio

  NJW4180 Datasheet HTML 1Page - New Japan Radio NJW4180 Datasheet HTML 2Page - New Japan Radio NJW4180 Datasheet HTML 3Page - New Japan Radio NJW4180 Datasheet HTML 4Page - New Japan Radio NJW4180 Datasheet HTML 5Page - New Japan Radio NJW4180 Datasheet HTML 6Page - New Japan Radio NJW4180 Datasheet HTML 7Page - New Japan Radio NJW4180 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NJW4180
- 5 -
Ver.2011-01-27
TEST CIRCUIT
NJW4180
VIN
VIN
VOUT
GND
0.1
µF
IIN
IOUT
VOUT
V
A
(ceramic)
1
µF
TYPICAL APPLICATION
NJW4180
VIN
VOUT
GND
0.1
µF
VOUT
VIN
1
µF
*Input Capacitance CIN
Input Capacitance (CIN)) is required to prevent oscillation and reduce power supply ripple for applications with high
power supply impedance or a long power supply line.
Use the CIN value of 0.1µF greater to avoid the problem.
CIN should connect between GND and VIN as short as possible.
*Output Capacitance CO
Output capacitor (CO) is required for a phase compensation of the internal error amplifier. The capacitance and the
equivalent series resistance (ESR) influences stability of the regulator.
This product is designed to work with a low ESR capacitor for the CO; however, use of recommended capacitance or
greater value is essential for stable operation.
Use of a smaller CO may cause excess output noise or oscillation of the regulator due to lack of the phase
compensation.
Therefore, use CO with the recommended capacitance or greater value and connect between VO terminal and
GND terminal with minimal wiring. The recommended capacitance depends on the output voltage. Low voltage
regulator requires greater value of the CO. Thus, check the recommended capacitance for each output voltage.
Use of a greater CO reduces output noise and ripple output, and also improves transient response of the output
voltage against rapid load change.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com