Electronic Components Datasheet Search
  English  ▼

X  

CYONS2000 Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # CYONS2000
Description  OvationONS??II Wired Laser Navigation System-on-Chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYONS2000 Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button CYONS2000 Datasheet HTML 21Page - Cypress Semiconductor CYONS2000 Datasheet HTML 22Page - Cypress Semiconductor CYONS2000 Datasheet HTML 23Page - Cypress Semiconductor CYONS2000 Datasheet HTML 24Page - Cypress Semiconductor CYONS2000 Datasheet HTML 25Page - Cypress Semiconductor CYONS2000 Datasheet HTML 26Page - Cypress Semiconductor CYONS2000 Datasheet HTML 27Page - Cypress Semiconductor CYONS2000 Datasheet HTML 28Page - Cypress Semiconductor CYONS2000 Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
CYONS2000
Document Number: 001-44044 Rev. *G
Page 25 of 36
AC USB Specifications
The device includes an integrated full-speed USB block. Table 18 lists guaranteed maximum and minimum specifications for the entire
voltage and temperature ranges.
Table 18. AC Characteristics – USB Data Timing Specifications
Symbol
Description
Conditions
Min
Typ
Max
Units
Tdrate
Full speed data rate
Average bit rate
12–0.25%
12
12 + 0.25
MHz
Tdjr1
Receiver data jitter tolerance
To next transition
–18.5
–
18.5
ns
Tdjr2
Receiver data jitter tolerance
To pair transition
–9
–
9
ns
Tudj1
Driver differential jitter
To next transition
–3.5
–
3.5
ns
Tudj2
Driver differential jitter
To pair transition
–4.0
–
4.0
ns
Tfdeop
Source jitter for differential transition
To SE0 transition
–2
–
5
ns
Tfeopt
Source SE0 interval of EOP
160
–
175
ns
Tfeopr
Receiver SE0 interval of EOP
82
–
ns
Tfst
Width of SE0 interval during differential
transition
––
14
ns
Table 19. AC Characteristics – USB Driver
Symbol
Description
Conditions
Min
Typ
Max
Units
Tr
Transition rise time
50 pF
4
–
20
ns
Tf
Transition fall time
50 pF
4
–
20
ns
TR
Rise/fall time matching
0.8 V to 2.5 V
90
–
111
%
Vcrs
Output signal crossover voltage
1.3
–
2.0
V
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com