Electronic Components Datasheet Search
  English  ▼

X  

CYONS2000 Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # CYONS2000
Description  OvationONS??II Wired Laser Navigation System-on-Chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYONS2000 Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button CYONS2000 Datasheet HTML 26Page - Cypress Semiconductor CYONS2000 Datasheet HTML 27Page - Cypress Semiconductor CYONS2000 Datasheet HTML 28Page - Cypress Semiconductor CYONS2000 Datasheet HTML 29Page - Cypress Semiconductor CYONS2000 Datasheet HTML 30Page - Cypress Semiconductor CYONS2000 Datasheet HTML 31Page - Cypress Semiconductor CYONS2000 Datasheet HTML 32Page - Cypress Semiconductor CYONS2000 Datasheet HTML 33Page - Cypress Semiconductor CYONS2000 Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
CYONS2000
Document Number: 001-44044 Rev. *G
Page 30 of 36
Development Tool Selection
This section presents the development tools available for all
current PSoC device families including the CYONS2000.
Software
PSoC Designer
At the core of the PSoC development software suite is PSoC
Designer, used to generate PSoC firmware applications. PSoC
Designer
is
available
free
of
charge
at
http://www.cypress.com/psocdesigner and includes a free C
compiler with version Service Pack 4.5 or later.
PSoC Programmer
Flexible enough to be used on the bench in development, yet
suitable for factory programming, PSoC Programmer works
either as a standalone programming application or operates
directly from PSoC Designer. PSoC Programmer software is
compatible with both PSoC ICE-Cube In-Circuit Emulator and
PSoC MiniProg. PSoC programmer is available free of charge at
http://www.cypress.com/psocprogrammer.
Mouse Design Kits
Two kits featuring the OvationONS II family of products are
available. The reference design kit provides a complete
hardware, firmware, and software solution, ready for production.
The demonstration kit provides tested hardware and firmware
that demonstrate the capabilities of the OvationONS II device.
■ CY4631 Wired Mouse reference design kit
■ Wireless Mouse demonstration kit
Development Kits
You can purchase the development kits from the Cypress Online
Store.
CY3215-DK Basic Development Kit
The CY3215-DK kit enables prototyping and development with
PSoC Designer. This kit supports in-circuit emulation and the
software interface enables users to run, halt, and single step the
processor and view the content of specific memory locations.
Advanced emulation features are also supported through PSoC
Designer. The kit includes:
■ PSoC Designer software CD
■ ICE-Cube In-Circuit Emulator
■ ICE Flex-Pod for the CY8C29x66 family
■ Cat-5 adapter
■ Mini-Eval programming board
■ 110 ~ 240 V power supply, Euro-Plug adapter
■ iMAGEcraft C compiler (registration required)
■ ISSP cable
■ USB 2.0 cable and Blue Cat-5 cable
■ Two CY8C29466-24PXI 28-PDIP chip samples
Evaluation Tools
You can purchase the evaluation tools from the Cypress Online
Store.
CY3210-MiniProg1
The CY3210-MiniProg1 kit enables a user to program PSoC
devices using the MiniProg1 programming unit. The MiniProg is
a small, compact prototyping programmer that connects to the
PC through a provided USB 2.0 cable. The kit includes:
■ MiniProg programming unit
■ MiniEval socket programming and evaluation board
■ 28-pin CY8C29466-24PXI PDIP PSoC device sample
■ 28-pin CY8C27443-24PXI PDIP PSoC device sample
■ PSoC Designer software CD
■ Getting Started guide
■ USB 2.0 cable
CY3210-PSoCEval1
The CY3210-PSoCEval1 kit features an evaluation board and
the MiniProg1 programming unit. The evaluation board includes
an LCD module, potentiometer, LEDs, and plenty of bread-
boarding space to meet all your evaluation needs. The kit
includes:
■ Evaluation board with LCD module
■ MiniProg programming unit
■ 28-pin CY8C29466-24PXI PDIP PSoC device sample (2)
■ PSoC Designer software CD
■ Getting Started guide
■ USB 2.0 cable
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com