Electronic Components Datasheet Search
  English  ▼

X  

CYONS2000 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # CYONS2000
Description  OvationONS??II Wired Laser Navigation System-on-Chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYONS2000 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button CYONS2000 Datasheet HTML 24Page - Cypress Semiconductor CYONS2000 Datasheet HTML 25Page - Cypress Semiconductor CYONS2000 Datasheet HTML 26Page - Cypress Semiconductor CYONS2000 Datasheet HTML 27Page - Cypress Semiconductor CYONS2000 Datasheet HTML 28Page - Cypress Semiconductor CYONS2000 Datasheet HTML 29Page - Cypress Semiconductor CYONS2000 Datasheet HTML 30Page - Cypress Semiconductor CYONS2000 Datasheet HTML 31Page - Cypress Semiconductor CYONS2000 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
CYONS2000
Document Number: 001-44044 Rev. *G
Page 28 of 36
Thermal Impedances
Solder Reflow Peak Temperature
Following is the minimum solder reflow peak temperature to achieve good solderability.
Package
Typical
θJA[14]
42 PQFN[15]
24 °C/W
Package
Minimum Peak Temperature[16]
Maximum Peak Temperature
42 PQFN
240 °C
260 °C
Notes
14. TJ = TA + Power x θJA.
15. To achieve the thermal impedance specified for the QFN package, the center thermal pad must be soldered to the PCB ground plane.
16. Higher temperatures may be required based on the solder melting point. Typical temperatures for solder are 220 ± 5°C with Sn-Pb or 245 ± 5°C with Sn-Ag-Cu paste.
Refer to the solder manufacturer specifications. For a recommended soldering profile, refer to Application Note 49035, Manufacturing Considerations for the Ovation-
ONSTM Laser Navigation System-on-Chip.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com