Electronic Components Datasheet Search
  English  ▼

X  

STAR1000 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # STAR1000
Description  1M Pixel Radiation Hard CMOS Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR1000 Datasheet(HTML) 1 Page - Cypress Semiconductor

  STAR1000 Datasheet HTML 1Page - Cypress Semiconductor STAR1000 Datasheet HTML 2Page - Cypress Semiconductor STAR1000 Datasheet HTML 3Page - Cypress Semiconductor STAR1000 Datasheet HTML 4Page - Cypress Semiconductor STAR1000 Datasheet HTML 5Page - Cypress Semiconductor STAR1000 Datasheet HTML 6Page - Cypress Semiconductor STAR1000 Datasheet HTML 7Page - Cypress Semiconductor STAR1000 Datasheet HTML 8Page - Cypress Semiconductor STAR1000 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
STAR1000
1M Pixel Radiation Hard CMOS
Image Sensor
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 38-05714 Rev. *F
Revised January 25, 2011
Features
The STAR1000 sensor has the following characteristics:
■ Integrating 3-transistor Active Pixel Sensor
■ 1024 by 1024 pixels on 15 mm pitch
■ Radiation tolerant design
■ On-chip double sampling circuit to cancel Fixed Pattern Noise
■ Electronic shutter
■ Read out rate: up to 11 full frames per second
■ Region of Interest (ROI) windowing
■ On-chip 10-bit ADC
■ Programmable gain amplifier
■ Ceramic JLCC-84 package
■ Available with BK7G18 glass and with N2 filled cavity
Sensor Description
The STAR1000 is a CMOS image sensor with 1024 by 1024
pixels on a 15 mm pitch. It features on-chip Fixed Pattern Noise
(FPN) correction, a programmable gain amplifier, and a 10-bit
Analog-to-Digital Converter (ADC).
All circuits are designed using the radiation tolerant design rules
for CMOS image sensors, to allow high tolerance against total
dose effects.
Registers that are directly accessed by the external controller
contain the X- and Y- addresses of the pixels to be read. This
architecture provides flexible operation and allows different
operation modes such as (multiple) windowing, subsampling,
and so on.
The CYIS1SM1000AA-HHC has a BK7G18 glass lid, and the
cavity is filled with N2 which increases the temperature operating
range.
The
CYIS1SM1000AA-HHCS
is
similar
to
the
CYIS1SM1000AA-HHC; it has a BK7G18 glass lid and a N2 filled
cavity, but is also screened and tested to space qualified device
standards.
Ordering Information
Marketing Part Number
Description
Package
CYIS1SM1000AA-HHC
Mono with BK7G18 Glass
84 pin JLCC
CYIS1SM1000AA-HHCS
Mono with BK7G18 Glass, Space Qualified
[+] Feedback


Similar Part No. - STAR1000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STAR1000 CYPRESS-STAR1000 Datasheet
634Kb / 21P
1M Pixel Radiation Hard CMOS Image Sensor
STAR1000 CYPRESS-STAR1000 Datasheet
1Mb / 21P
1M Pixel Radiation Hard CMOS Image Sensor
STAR1000-BK7 CYPRESS-STAR1000-BK7 Datasheet
634Kb / 21P
1M Pixel Radiation Hard CMOS Image Sensor
STAR1000-BK7 CYPRESS-STAR1000-BK7 Datasheet
1Mb / 21P
1M Pixel Radiation Hard CMOS Image Sensor
STAR1000SP CYPRESS-STAR1000SP Datasheet
1Mb / 21P
1M Pixel Radiation Hard CMOS Image Sensor
More results

Similar Description - STAR1000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
LUPA-4000 CYPRESS-LUPA-4000 Datasheet
1Mb / 49P
4M Pixel CMOS Image Sensor
CYIL1SM4000AA-GDC CYPRESS-CYIL1SM4000AA-GDC Datasheet
1Mb / 38P
4M Pixel CMOS Image Sensor
CYIS1SM0250-AA CYPRESS-CYIS1SM0250-AA Datasheet
469Kb / 24P
250K Pixel Radiation Hard CMOS Image Sensor
CYIS1SM1000AA-HQC CYPRESS-CYIS1SM1000AA-HQC Datasheet
634Kb / 21P
1M Pixel Radiation Hard CMOS Image Sensor
LUPA-4000 CYPRESS-LUPA-4000_07 Datasheet
1Mb / 38P
4M Pixel CMOS Image Sensor
STAR1000 CYPRESS-STAR1000_09 Datasheet
1Mb / 21P
1M Pixel Radiation Hard CMOS Image Sensor
CYIS1SM0250-AA CYPRESS-CYIS1SM0250-AA_09 Datasheet
797Kb / 21P
CYIS1SM0250-AA STAR250 250K Pixel Radiation Hard CMOS Image Sensor
logo
ON Semiconductor
NOIS1SM1000S-HHC ONSEMI-NOIS1SM1000S-HHC Datasheet
690Kb / 37P
STAR1000 1M Pixel Radiation Hard CMOS
February, 2014 ??Rev. 13
NOIS1SM0250A ONSEMI-NOIS1SM0250A Datasheet
474Kb / 25P
Radiation Tolerant CMOS Image Sensor
January, 2014 ??Rev. 10
NOIS1SM0250A ONSEMI-NOIS1SM0250A_17 Datasheet
453Kb / 24P
Pixel Radiation Tolerant CMOS Image Sensor
January, 2017 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com