Electronic Components Datasheet Search
  English  ▼

X  

STAR1000 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # STAR1000
Description  1M Pixel Radiation Hard CMOS Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR1000 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button STAR1000 Datasheet HTML 16Page - Cypress Semiconductor STAR1000 Datasheet HTML 17Page - Cypress Semiconductor STAR1000 Datasheet HTML 18Page - Cypress Semiconductor STAR1000 Datasheet HTML 19Page - Cypress Semiconductor STAR1000 Datasheet HTML 20Page - Cypress Semiconductor STAR1000 Datasheet HTML 21Page - Cypress Semiconductor STAR1000 Datasheet HTML 22Page - Cypress Semiconductor STAR1000 Datasheet HTML 23Page - Cypress Semiconductor STAR1000 Datasheet HTML 24Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
STAR1000
Document Number: 38-05714 Rev. *F
Page 20 of 24
Handling Precautions
For proper handling and storage conditions, refer to the Cypress
application note AN52561, Image Sensor Handling and Best
Practices at www.cypress.com.
Limited Warranty
Cypress’s Image Sensor Business Unit warrants that the image
sensor products to be delivered hereunder, if properly used and
serviced, will conform to Seller's published specifications and will
be free from defects in material and workmanship for one (1)
year following the date of shipment. If a defect were to manifest
itself within 1 (one) year period from the sale date, Cypress will
either replace the product or give credit for the product.
Return Material Authorization (RMA)
Cypress packages all of its image sensor products in a clean
room environment under strict handling procedures and ships all
image sensor products in ESD-safe, clean-room-approved
shipping containers. Products returned to Cypress for failure
analysis should be handled under these same conditions and
packed in its original packing materials, or the customer may be
liable for the product.
Ordering Code Definition
RoHS (Pb-free) Compliance
This paragraph reports the use of hazardous chemical substances as required by the RoHS Directive (excluding packing material).
Information on Pb-Free Soldering
The product cannot withstand a Pb-free soldering process.
Reflow or wave soldering is not recommended. Hand soldering
is needed for this part type. Solder one pin on each side and let
the sensor cool down for minimum 1 minute before continuing.
Note: "Intentional Content" is defined as any material
demanding special attention that is contained into the inquired
product by these cases:
1. A case that the above material is added as a chemical compo-
sition into the inquired product intentionally to produce and
maintain the required performance and function of the
intended product
2. A case that the above material, which is used intentionally in
the manufacturing process, is contained in or adhered to the
inquired product.
The following case is not treated as "intentional content":
A case that the above material is contained as an impurity into
raw materials or parts of the intended product. The impurity is
defined as a substance that cannot be removed industrially, or it
is produced at a process like chemical composing or reaction
and it cannot be removed technically.
I=Im age Sensors
Cypress Prefix
STAR
M=Mono
Package: H= JLCC
Com m ercial Tem perature range
CY I
S1
AA
1000
M
SH
-H C
S=Standard Process
1.0 M egaPixel
Functionality Placeholder
H=BK7G 16 Glass
S
S=Space Qualified, ES: Engg
Table 10. Chemical Substances in STAR250 Sensor
Chemical Substance
Any intentional content
If there is any intentional content, in which portion is
it contained?
Lead
NO
-
Cadmium
NO
-
Mercury
NO
-
Hexavalent chromium
NO
-
PBB (Polybrominated biphenyls)
NO
-
PBDE (Polybrominated diphenyl ethers)
NO
-
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com