Electronic Components Datasheet Search
  English  ▼

X  

HT68F03 Datasheet(PDF) 102 Page - Holtek Semiconductor Inc

Part # HT68F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F03 Datasheet(HTML) 102 Page - Holtek Semiconductor Inc

Back Button HT68F03 Datasheet HTML 98Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 99Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 100Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 101Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 102Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 103Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 104Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 105Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 106Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 147 page
background image
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.30
102
February 17, 2011
A / D C o n v e r t e r
P A 3 / A N 3
P A 2 / A N 2
P A 1 / A N 1
P A 0 / A N 0
A / D R e f e r e n c e V o l t a g e
A D R L
A D R H
A / D D a t a
R e g i s t e r s
V 1 2 5 E N
S T A R T
E O C B
A D O F F
V S S
P A 1 / V R E F
A D C K 2 ~ A D C K 0
f S Y S
A C E 3 ~ A C E 0
A C S 4 ,
A C S 1 ~ A C S 0
1 . 2 5 V
A / D C l o c k
V D D
A D O F F
B i t
V R E F S
B i t
A D R F S
b i t
¸ 2 N
( N = 0 ~ 6 )
A/D Converter Structure
A/D Converter Control Registers
-
ADCR0, ADCR1, ACERL
To control the function and operation of the A/D con-
verter, three control registers known as ADCR0, ADCR1
and ACERL are provided. These 8-bit registers define
functions such as the selection of which analog channel
is connected to the internal A/D converter, the digitised
data format, the A/D clock source as well as controlling
the start function and monitoring the A/D converter end
of conversion status. The ACS1~ACS0 bits in the
ADCR0 register and ACS4 bit is the ADCR1 register de-
fine the ADC input channel number. As the device con-
tains only one actual analog to digital converter
hardware circuit, each of the individual 4 analog inputs
must be routed to the converter. It is the function of the
ACS4, ACS1 and ACS0 bits to determine which analog
channel input pins or internal 1.25V is actually con-
nected to the internal A/D converter.
The ACERL control register contains the ACER3~
ACER0 bits which determine which pins on Port A are
used as analog inputs for the A/D converter input and
which pins are not to be used as the A/D converter input.
Setting the corresponding bit high will select the A/D in-
put function, clearing the bit to zero will select either the
I/O or other pin-shared function. When the pin is se-
lected to be an A/D input, its original function whether it
is an I/O or other pin-shared function will be removed. In
addition, any internal pull-high resistors connected to
these pins will be automatically removed if the pin is se-
lected to be an A/D input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com