Electronic Components Datasheet Search
  English  ▼

X  

HT66F15 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT66F15
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F15 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT66F15 Datasheet HTML 45Page - Holtek Semiconductor Inc HT66F15 Datasheet HTML 46Page - Holtek Semiconductor Inc HT66F15 Datasheet HTML 47Page - Holtek Semiconductor Inc HT66F15 Datasheet HTML 48Page - Holtek Semiconductor Inc HT66F15 Datasheet HTML 49Page - Holtek Semiconductor Inc HT66F15 Datasheet HTML 50Page - Holtek Semiconductor Inc HT66F15 Datasheet HTML 51Page - Holtek Semiconductor Inc HT66F15 Datasheet HTML 52Page - Holtek Semiconductor Inc HT66F15 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 173 page
background image
HT66F14Register
Register
Reset
(Power-on)
RES or LVR
Reset
WDT Time-out
(NormalOperation)
WDT Time-out
(IDLE)
MP0
xxxxxxxx
xxxxxxxx
xxxxxxxx
uuuuuuuu
MP1
xxxxxxxx
xxxxxxxx
xxxxxxxx
uuuuuuuu
ACC
xxxxxxxx
uuuuuuuu
uuuuuuuu
uuuuuuuu
PCL
000 00000
000 00000
000 00000
000 00000
TBLP
xxxxxxxx
uuuuuuuu
uuuuuuuu
uuuuuuuu
TBLH
- xxxxxxx
- uuuuuuu
- uuuuuuu
- uuuuuuu
TBHP
- - - - - xxx
- - - - - uuu
- - - - - uuu
- - - - - uuu
STATUS
- - 00xxxx
- - uuuuuu
- - 1uuuuu
- - 11uuuu
SMOD
00000011
00000011
00000011
uuuuuuuu
LVDC
- - 00 - 000
- - 00 - 000
- - 00 - 000
- - uu - uuu
INTEG
- - - - 0000
- - - - 0000
- - - - 0000
- - - - uuuu
WDTC
01111010
01111010
01111010
uuuuuuuu
TBC
0011
- - - -
0011
- - - -
0011
- - - -
uuuu
- - - -
INTC0
- 0000000
- 0000000
- 0000000
- uuuuuuu
INTC1
00000000
00000000
00000000
uuuuuuuu
MFI0
- - 00 - - 00
- - 00 - - 00
- - 00 - - 00
- - uu - - uu
MFI1
- - 00 - - 00
- - 00 - - 00
- - 00 - - 00
- - uu - - uu
PAWU
000 00000
000 00000
000 00000
uuuuuuuu
PAPU
000 00000
000 00000
000 00000
uuuuuuuu
PA
11111111
11111111
11111111
uuuuuuuu
PAC
11111111
11111111
11111111
uuuuuuuu
PBPU
000 00000
000 00000
000 00000
uuuuuuuu
PB
11111111
11111111
11111111
uuuuuuuu
PBC
11111111
11111111
11111111
uuuuuuuu
PCPU
- - - - 0000
- - - - 0000
- - - - 0000
- - - - uuuu
PC
- - - - 1111
- - - - 1111
- - - - 1111
- - - - uuuu
PCC
- - - - 1111
- - - - 1111
- - - - 1111
- - - - uuuu
PDPU
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
PD
- - - - - - 11
- - - - - - 11
- - - - - - 11
- - - - - - uu
PDC
- - - - - - 11
- - - - - - 11
- - - - - - 11
- - - - - - uu
ADRL (ADRFS=0)
xxxx
- - - -
xxxx
- - - -
xxxx
- - - -
uuuu
- - - -
ADRL (ADRFS=1)
xxxxxxxx
xxxxxxxx
xxxxxxxx
uuuuuuuu
ADRH (ADRFS=0)
xxxxxxxx
xxxxxxxx
xxxxxxxx
uuuuuuuu
ADRH (ADRFS=1)
- - - - xxxx
- - - - xxxx
- - - - xxxx
- - - - uuuu
ADCR0
011 0
- - 00
011 0
- - 00
011 0
- - 00
uuuu
- - uu
ADCR1
00
- 0 - 000
00
- 0 - 000
00
- 0 - 000
uu
- u - uuu
Rev.1.10
49
February9,2011
HT66F13/HT66F14/HT66F15
EnhancedA/DFlashType MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com