Electronic Components Datasheet Search
  English  ▼

X  

HT66F15 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT66F15
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F15 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT66F15 Datasheet HTML 35Page - Holtek Semiconductor Inc HT66F15 Datasheet HTML 36Page - Holtek Semiconductor Inc HT66F15 Datasheet HTML 37Page - Holtek Semiconductor Inc HT66F15 Datasheet HTML 38Page - Holtek Semiconductor Inc HT66F15 Datasheet HTML 39Page - Holtek Semiconductor Inc HT66F15 Datasheet HTML 40Page - Holtek Semiconductor Inc HT66F15 Datasheet HTML 41Page - Holtek Semiconductor Inc HT66F15 Datasheet HTML 42Page - Holtek Semiconductor Inc HT66F15 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 173 page
background image
EnteringtheSLEEP0Mode
There is only one way for the device to enter the SLEEP0 Mode and that is to execute the HALT
instruction in the application program with the IDLEN bit in SMOD register equal to 0 and the WDT
and LVD both off. When this instruction is executed under the conditions described above, the
following will occur:
· The system clock, WDT clock and Time Base clock will be stopped and the application program
will stop at the
²HALT² instruction.
· The Data Memory contents and registers will maintain their present condition.
· The WDT will be cleared and stopped no matter if the WDT clock source originates from the fSUB
clock or from the system clock.
· The I/O ports will maintain their present conditions.
· In the status register, the Power Down flag, PDF, will be set and the Watchdog time-out flag, TO,
will be cleared.
EnteringtheSLEEP1Mode
There is only one way for the device to enter the SLEEP1 Mode and that is to execute the
²HALT²
instruction in the application program with the IDLEN bit in SMOD register equal to
²0² and the WDT
or LVD on. When this instruction is executed under the conditions described above, the following will
occur:
· The system clock and Time Base clock will be stopped and the application program will stop at the
²HALT² instruction, but the WDT or LVD will remain with the clock source coming from the fSUB
clock.
· The Data Memory contents and registers will maintain their present condition.
· The WDT will be cleared and resume counting if the WDT clock source is selected to come from the
fSUB clock as the WDT is enabled.
· The I/O ports will maintain their present conditions.
· In the status register, the Power Down flag, PDF, will be set and the Watchdog time-out flag, TO,
will be cleared.
EnteringtheIDLE0Mode
There is only one way for the device to enter the IDLE0 Mode and that is to execute the
²HALT²
instruction in the application program with the IDLEN bit in SMOD register equal to
²1² and the
FSYSON bit in WDTC register equal to
²0². When this instruction is executed under the conditions
described above, the following will occur:
· The system clock will be stopped and the application program will stop at the
²HALT² instruction,
but the Time Base clock and fSUB clock will be on.
· The Data Memory contents and registers will maintain their present condition.
· The WDT will be cleared and resume counting if the WDT clock source is selected to come from the
fSUB clock and the WDT is enabled. The WDT will stop if its clock source originates from the system
clock.
· The I/O ports will maintain their present conditions.
· In the status register, the Power Down flag, PDF, will be set and the Watchdog time-out flag, TO,
will be cleared.
Rev.1.10
39
February9,2011
HT66F13/HT66F14/HT66F15
EnhancedA/DFlashType MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com