| Electronic Components Datasheet Search |
|
HT66F15 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F15 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc |
|
4 / 173 page ![]() TimerModules - TM..........................................................................59 Introduction ..........................................................................................................59 TM Operation .......................................................................................................60 TM Clock Source..................................................................................................60 TM Interrupts ........................................................................................................60 TM External Pins ....................................................................................................6 TM Input/Output Pin Control Registers .................................................................61 Programming Considerations ...............................................................................66 CompactTypeTM - CTM..................................................................67 Compact TM Operation ........................................................................................67 Compact Type TM Register Description ...............................................................68 Compact Type TM Operating Modes ....................................................................72 StandardTypeTM - STM..................................................................77 Standard TM Operation ........................................................................................77 Standard Type TM Register Description ...............................................................78 Standard Type TM Operating Modes....................................................................82 EnhancedTypeTM - ETM ................................................................89 Enhanced TM Operation ......................................................................................89 Enhanced Type TM Register Description..............................................................90 Enhanced Type TM Operating Modes ..................................................................95 Compare Output Mode .........................................................................................96 Capture Input Mode............................................................................................107 AnalogtoDigitalConverter............................................................109 A/D Overview .....................................................................................................109 A/D Converter Register Description ....................................................................109 A/D Converter Data Registers - ADRL, ADRH ...................................................110 A/D Converter Control Registers - ADCR0, ADCR1, ACER ...............................110 A/D Operation.....................................................................................................113 A/D Input Pins.....................................................................................................114 Summary of A/D Conversion Steps ....................................................................115 Programming Considerations .............................................................................116 A/D Transfer Function.........................................................................................116 A/D Programming Example ................................................................................117 Interrupts..........................................................................................119 Interrupt Registers ..............................................................................................119 Interrupt Operation .............................................................................................124 External Interrupt ................................................................................................126 Multi-function Interrupt ........................................................................................126 A/D Converter Interrupt.......................................................................................127 Time Base Interrupts ..........................................................................................127 LVD Interrupt ......................................................................................................128 TM Interrupts ......................................................................................................128 Contents Rev.1.10 4 February9,2011 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |