Electronic Components Datasheet Search
  English  ▼

X  

HT68F15 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT68F15
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F15 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT68F15 Datasheet HTML 29Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 30Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 31Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 32Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 33Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 34Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 35Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 36Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 161 page
background image
Bit0
HLCLK:systemclockselection
0: f
H/2~ fH/64or fL
1: f
H
Thisbitisusedtoselectifthe f
H clockorthe fH/2~ fH/64or fL clockisusedasthesystemclock.
Whenthebitishighthe f
H clockwillbeselectedandiflowthe fH/2~ fH/64or fL clockwillbe
selected.Whensystemclockswitchesfromthe f
H clocktothe fL clock,the fH clockwillbe
automaticallyswitchedofftoconservepower.
FastWake-up
To minimise power consumption the device can enter the SLEEP or IDLE0 Mode, where the system
clock source to the device will be stopped. However when the device is woken up again, it can take a
considerable time for the original system oscillator to restart, stabilise and allow normal operation to
resume. To ensure the device is up and running as fast as possible a Fast Wake-up function is provided,
which allows fSUB, namely the LIRC oscillator, to act as a temporary clock to first drive the system until
the original system oscillator has stabilised. As the clock source for the Fast Wake-up function is fSUB,
the Fast Wake-up function is only available in the SLEEP1 and IDLE0 modes. When the device is
woken up from the SLEEP0 mode, the Fast Wake-up function has no effect because the fSUB clock is
stopped. The Fast Wake-up enable/disable function is controlled using the FSTEN bit in the SMOD
register.
If the HXT oscillator is selected as the NORMAL Mode system clock and the Fast Wake-up function is
enabled, then it will take one to two tSUB clock cycles of the LIRC oscillator for the system to wake-up.
The system will then initially run under the fSUB clock source until 1024 HXT clock cycles have
elapsed, at which point the HTO flag will switch high and the system will switch over to operating
from the HXT oscillator.
If the ERC or HIRC oscillators or LIRC oscillator is used as the system oscillator then it will take
15~16 clock cycles of the ERC or HIRC or 1~2 cycles of the LIRC to wake up the system from the
SLEEP or IDLE0 Mode. The Fast Wake-up bit, FSTEN will have no effect in these cases.
System
Oscillator
FSTEN
Bit
Wake-upTime
(SLEEP0Mode)
Wake-upTime
(SLEEP1Mode)
Wake-upTime
(IDLE0Mode)
Wake-upTime
(IDLE1Mode)
HXT
0
1024 HXT cycles
1024 HXT cycles
1~2 HXT cycles
1
1024 HXT cycles
1~2 fSUB cycles
(Systemrunswith fSUB firstfor1024 HXT cycles
andthenswitchesovertorunwiththe HXT clock)
1~2 HXT cycles
ERC
X
15~16 ERC cycles
15~16 ERC cycles
1~2 ERC cycles
HIRC
X
15~16 HIRC cycles
15~16 HIRC cycles
1~2 HIRC cycles
LIRC
X
1~2 LIRC cycles
1~2 LIRC cycles
1~2 LIRC cycles
²X² :don¢tcare
Wake-UpTimes
Note that if the Watchdog Timer is disabled, which means that the LIRC oscillator is off, then there will be no Fast
Wake-upfunctionavailablewhenthedevicewakes-upfromtheSLEEP0Mode.
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashType MCU
Rev.1.10
33
February9,2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com