Electronic Components Datasheet Search
  English  ▼

X  

HT68F15 Datasheet(PDF) 36 Page - Holtek Semiconductor Inc

Part # HT68F15
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F15 Datasheet(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT68F15 Datasheet HTML 32Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 33Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 34Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 35Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 36Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 37Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 38Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 39Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 40Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 161 page
background image
SLOWModetoNORMALModeSwitching
In SLOW Mode the system uses the LIRC low speed system oscillator. To switch back to the
NORMAL Mode, where the high speed system oscillator is used, the HLCLK bit should be set to
²1²
or HLCLK bit is
²0² but CKS2~CKS0 is set to 010B, 011B, 100B, 101B, 110B or 111B. As a certain
amount of time will be required for the high frequency clock to stabilise, the status of the HTO bit is
checked. The amount of time required for high speed system oscillator stabilization depends upon
which high speed system oscillator type is used.
Rev.1.10
36
February9,2011
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashType MCU
S L O W M o d e
S L E E P 0 M o d e
S L E E P 1 M o d e
I D E L 0 M o d e
I D L E 1 M o d e
N O R M A L M o d e
C K S 2 ~ C K S 0 = 0 0 x B &
H L C L K = 0
W D T a n d L V D a r e a l l o f f
I D L E N = 0
H A L T i n s t r u c t i o n i s e x e c u t e d
W D T o r L V D i s o n
I D L E N = 0
H A L T i n s t r u c t i o n i s e x e c u t e d
I D L E N = 1 , F S Y S O N = 0
H A L T i n s t r u c t i o n i s e x e c u t e d
I D L E N = 1 , F S Y S O N = 1
H A L T i n s t r u c t i o n i s e x e c u t e d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com