Electronic Components Datasheet Search
  English  ▼

X  

HT68F15 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT68F15
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F15 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT68F15 Datasheet HTML 31Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 32Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 33Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 34Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 35Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 36Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 37Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 38Page - Holtek Semiconductor Inc HT68F15 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 161 page
background image
NORMALModetoSLOWModeSwitching
When running in the NORMAL Mode, which uses the high speed system oscillator, and therefore
consumes more power, the system clock can switch to run in the SLOW Mode by set the HLCLK bit to
0 and set the CKS2~CKS0 bits to
²000B² or ²001B² in the SMOD register. This will then use the low
speed system oscillator which will consume less power. Users may decide to do this for certain
operations which do not require high performance and can subsequently reduce power consumption.
The SLOW Mode is sourced from the LIRC oscillator and therefore requires these oscillators to be
stable before full mode switching occurs. This is monitored using the LTO bit in the SMOD register.
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashType MCU
Rev.1.10
35
February9,2011
S L O W M o d e
S L E E P 0 M o d e
S L E E P 1 M o d e
I D E L 0 M o d e
I D L E 1 M o d e
N O R M A L M o d e
C K S 2 ~ C K S 0 = 0 0 x B &
H L C L K = 0
W D T a n d L V D a r e a l l o f f
I D L E N = 0
H A L T i n s t r u c t i o n i s e x e c u t e d
W D T o r L V D i s o n
I D L E N = 0
H A L T i n s t r u c t i o n i s e x e c u t e d
I D L E N = 1 , F S Y S O N = 0
H A L T i n s t r u c t i o n i s e x e c u t e d
I D L E N = 1 , F S Y S O N = 1
H A L T i n s t r u c t i o n i s e x e c u t e d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com