Electronic Components Datasheet Search
  English  ▼

X  

LM358 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # LM358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM358 Datasheet(HTML) 1 Page - Diodes Incorporated

  LM358 Datasheet HTML 1Page - Diodes Incorporated LM358 Datasheet HTML 2Page - Diodes Incorporated LM358 Datasheet HTML 3Page - Diodes Incorporated LM358 Datasheet HTML 4Page - Diodes Incorporated LM358 Datasheet HTML 5Page - Diodes Incorporated LM358 Datasheet HTML 6Page - Diodes Incorporated LM358 Datasheet HTML 7Page - Diodes Incorporated LM358 Datasheet HTML 8Page - Diodes Incorporated LM358 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
LM358
Document number: DS35167 Rev. 2 - 2
1 of 14
www.diodes.com
February 2011
© Diodes Incorporated
Description
The LM358 series consists of two independent, high gain,
internally frequency compensated operational amplifiers
which were designed specifically to operate from a single
power supply over a wide range of voltages. Operation from
split power supplies is also possible and the low power
supply current drain is independent of the magnitude of the
power supply voltage.
Application areas include transducer amplifiers, dc gain
blocks and all the conventional op amp circuits which now
can be more easily implemented in single power supply
systems. For example, the LM358 series can be directly
operated from the standard +5V power supply voltage which
is used in digital systems and will easily provide the required
interface electronics without requiring an additional ±15V
power supply.
Features
•
Internally frequency compensated for unity gain
•
Large dc voltage gain: 100 dB
•
Very low supply current drain (500
μA); essentially
independent of supply voltage
•
Wide bandwidth (unity gain): 1MHz (temperature
compensated)
•
Input common-mode voltage range includes ground
•
Differential input voltage range equal to the power supply
voltage
•
Low input offset voltage: 2mV
•
Wide power supply range:
o
Single supply: 3V to 32V
o
Dual supplies: ±1.5V to ±16V
•
Large output voltage swing: 0V to V
+ - 1.5V
•
SOP-8L packaging
•
“Green” Molding Compound (No Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
Pin Assignments
Applications
•
Eliminates the need for dual supplies
•
Compatible with all forms of logic
•
Two internally compensated op amps
•
Low power drain ideal for battery operation
•
Allows direct sensing near GND
•
VOUT can swing to GND
Unique Characteristics
•
In the linear mode the input common-mode voltage
range includes ground and the output voltage can
also swing to ground, whilst operating from only a
single power supply voltage.
•
The unity gain crossing frequency is temperature
compensated.
•
The input bias current is temperature compensated.
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
LM358
NON-INVERTING INPUT 2
INVERTING INPUT 2
V
+
OUTPUT 2
SOP-8L
(TOP VIEW)
OUTPUT 1
NON-INVERTING INPUT 1
GND
INVERTING INPUT 1
4
3
2
1
5
6
7
8


Similar Part No. - LM358

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358 ONSEMI-LM358 Datasheet
160Kb / 16P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
NXP Semiconductors
LM358 PHILIPS-LM358 Datasheet
122Kb / 12P
Low power dual operational amplifi
2002 Jul 12
logo
STMicroelectronics
LM358 STMICROELECTRONICS-LM358 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Wing Shing Computer Com...
LM358 WINGS-LM358 Datasheet
91Kb / 4P
Dual Operation Amplifiers
More results

Similar Description - LM358

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
Low Power Dual Operational Amplifiers
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
Low Power Dual Operational Amplifiers
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com