Electronic Components Datasheet Search
  English  ▼

X  

LM358 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # LM358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM358 Datasheet(HTML) 3 Page - Diodes Incorporated

  LM358 Datasheet HTML 1Page - Diodes Incorporated LM358 Datasheet HTML 2Page - Diodes Incorporated LM358 Datasheet HTML 3Page - Diodes Incorporated LM358 Datasheet HTML 4Page - Diodes Incorporated LM358 Datasheet HTML 5Page - Diodes Incorporated LM358 Datasheet HTML 6Page - Diodes Incorporated LM358 Datasheet HTML 7Page - Diodes Incorporated LM358 Datasheet HTML 8Page - Diodes Incorporated LM358 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LM358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
LM358
Document number: DS35167 Rev. 2 - 2
3 of 14
www.diodes.com
February 2011
© Diodes Incorporated
Typical Single-Supply Circuit (Continued) (V
+
=5.0VDC)
+
-
1mA
V+
2V
R1
2K
I
1
Fixed Current Sources
+
-
2V
+
-
R4
2K
R3
2K
R2
3K
I
2
I
1 = I2
+
-
1mA
V+
2V
R1
2K
I
1
Fixed Current Sources
+
-
2V
+
-
R4
2K
R3
2K
R2
3K
I
2
I
1 = I2
-
+
R2
100
R1*
0.1
R3
1K
V
O
R
L
I
L
V
L
Current Monitor
V
O =
1V(I
L
)
0.1A
*(Increase R1 for I
L small)
V
L <V+ -2V
-
+
R2
100
R1*
0.1
R3
1K
V
O
R
L
I
L
V
L
Current Monitor
V
O =
1V(I
L
)
0.1A
*(Increase R1 for I
L small)
V
L <V+ -2V
LED Driver
82
+
-
20mA
LED Driver
82
+
-
20mA
Lamp Driver
V+
100
β >20
+
-
30mA
600mA
Lamp Driver
V+
100
β >20
+
-
30mA
600mA
Driving TTL
+
-
R
L
240
Driving TTL
+
-
R
L
240
Voltage Follower
+
-
V
O
+V
IN
V
O = VIN
Voltage Follower
+
-
V
O
+V
IN
V
O = VIN
Pulse Generator
+
-
V
O
100K
V
+
1M
R2
R1
IN914
IN914
0.001μF
R3
100K
R4
100K
R5
100K
+
0
Pulse Generator
+
-
V
O
100K
V
+
1M
R2
R1
IN914
IN914
0.001μF
R3
100K
R4
100K
R5
100K
+
0
Square wave Oscillator
V
O
100K
V+
R1
C
0.001μF
R2
100K
R3
100K
R4
100K
+
0
+
-
Square wave Oscillator
V
O
100K
V+
R1
C
0.001μF
R2
100K
R3
100K
R4
100K
+
0
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com