Electronic Components Datasheet Search
  English  ▼

X  

LM358 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # LM358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM358 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button LM358 Datasheet HTML 6Page - Diodes Incorporated LM358 Datasheet HTML 7Page - Diodes Incorporated LM358 Datasheet HTML 8Page - Diodes Incorporated LM358 Datasheet HTML 9Page - Diodes Incorporated LM358 Datasheet HTML 10Page - Diodes Incorporated LM358 Datasheet HTML 11Page - Diodes Incorporated LM358 Datasheet HTML 12Page - Diodes Incorporated LM358 Datasheet HTML 13Page - Diodes Incorporated LM358 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LM358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
LM358
Document number: DS35167 Rev. 2 - 2
11 of 14
www.diodes.com
February 2011
© Diodes Incorporated
Typical Performance Characteristics (Continued)
Large Signal Frequency Response
0
5
10
15
20
1k
10k
100k
1M
Input Freuency(HZ)
1K
V
O
100K
+7V
DC
+15
V
DC
2K
Output Characteristics Current Sourcing
0
1
2
3
4
5
6
7
8
0.001
0.01
0.1
1
10
100
Output Source Current (mA)
Output Characteristics Current Sinking
0.01
0.10
1.00
10.00
0.001
0.01
0.1
1
10
100
Output Sink Current (mA)
V+ = 5V
V+ = 30V
V+ =15V
Current Limiting
0
10
20
30
40
50
025
50
75
100
Temperature (℃)
I
O
+
Voltage Follower Pulse Response
Voltage Follower Pulse Response (Small Signal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com