Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1370 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXLD1370
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXLD1370 Datasheet HTML 5Page - Diodes Incorporated ZXLD1370 Datasheet HTML 6Page - Diodes Incorporated ZXLD1370 Datasheet HTML 7Page - Diodes Incorporated ZXLD1370 Datasheet HTML 8Page - Diodes Incorporated ZXLD1370 Datasheet HTML 9Page - Diodes Incorporated ZXLD1370 Datasheet HTML 10Page - Diodes Incorporated ZXLD1370 Datasheet HTML 11Page - Diodes Incorporated ZXLD1370 Datasheet HTML 12Page - Diodes Incorporated ZXLD1370 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 3 - 2
9 of 35
www.diodes.com
February 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics – Boost mode – ILED = 350mA – RS = 150mΩ – GIRATIO = 0.23
0.000
0.050
0.100
0.150
0.200
0.250
0.300
0.350
0.400
6.5
10
13.5
17
20.5
24
27.5
31
34.5
38
41.5
45
48.5
Input Voltage (V)
Figure 7: I
vs. Input Voltage & Number of LED
LED
3 LEDs
4 LEDs
6 LEDs
8 LEDs
10 LEDs
12 LEDs
14 LEDs
16 LEDs
T = 25°C
V
= V
A
AU X
IN
50
100
150
200
250
300
350
400
450
500
6.5
10
13.5
17
20.5
24
27.5
31
34.5
38
41.5
45
48.5
Input Voltage (V)
Figure 8: Frequency vs. Input Voltage & Number of LED
3 LEDs
4 LEDs
6 LEDs
8 LEDs
10 LEDs
12 LEDs
14 LEDs
16 LEDs
T = 25°C
V
= V
A
AU X
IN
Boosted voltage across
LEDs approaching VIN
60%
65%
70%
75%
80%
85%
90%
95%
100%
6.5
10
13.5
17
20.5
24
27.5
31
34.5
38
41.5
45
48.5
Input Voltage (V)
Figure 9: Efficiency vs. Input Voltage & Number of LED
3 LEDs
4 LEDs
6 LEDs
8 LEDs
10 LEDs
12 LEDs
14 LEDs
16 LEDs
T = 25°C
V
= V
A
AU X
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com