Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1370 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # ZXLD1370
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button ZXLD1370 Datasheet HTML 9Page - Diodes Incorporated ZXLD1370 Datasheet HTML 10Page - Diodes Incorporated ZXLD1370 Datasheet HTML 11Page - Diodes Incorporated ZXLD1370 Datasheet HTML 12Page - Diodes Incorporated ZXLD1370 Datasheet HTML 13Page - Diodes Incorporated ZXLD1370 Datasheet HTML 14Page - Diodes Incorporated ZXLD1370 Datasheet HTML 15Page - Diodes Incorporated ZXLD1370 Datasheet HTML 16Page - Diodes Incorporated ZXLD1370 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 3 - 2
13 of 35
www.diodes.com
February 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (Continued)
A basic ZXLD1370 application circuit is shown in Figure 13 and 15.
External component selection is driven by the characteristics of the load and the input supply, since this will determine the
kind of topology being used for the system.
Component selection starts with the current setting procedure, the inductor/frequency setting and the MOSFET selection.
Finally after selecting the freewheeling diode and the output capacitor (if needed), the application section will cover the PWM
dimming and thermal feedback.
Setting the output current
The first choice when defining the output current is whether the device is operating with the load in series with the sense
resistor (buck mode) or whether the load is not in series with the sense resistor (boost and buck-boost modes).
The output current setting depends on the choice of the sense resistor Rs, the voltage on the ADJ pin and the voltage on the
GI pin, according to the device working mode. The sense resistor Rs sets the coil current IRS.
The ADJ pin may be connected directly to the internal 1.25V reference (VREF) to define the nominal 100% LED current. The
ADJ pin can also be overdriven with an external dc voltage between 125mV and 2.5V to adjust the LED current proportionally
between 10% and 200% of the nominal value.
ADJ and GI are high impedance inputs within their normal operating voltage ranges. An internal 2.6V clamp protects the
device against excessive input voltage and limits the maximum output current to approximately 4% above the maximum
current set by VADJ if the maximum input voltage is exceeded.
Below are provided the details of the LED current calculation both when the load in series with the sense resistor (buck mode)
and when the load is not in series with the sense resistor (boost and buck-boost modes).
In Buck mode, GI is connected to ADJ which results in the average
LED current (ILED) equal to the average sense resistor/coil current
(IRS). A loop gain compensation factor, K, compensates for GI being
connected to ADJ. This gives the following equation for ILED:
=
=
=
REF
ADJ
S
Rs
LED
V
V
R
mV
225
K
I
I
where K= 0.97
REF
ADJ
S
V
V
R
mV
218
=
If ADJ (and GI pin) is directly connected to VREF, this becomes:
S
Rs
LED
R
mV
218
I
I
=
=
Therefore:
LED
s
I
mV
218
R
=
RS
ISM
VIN
REF
ADJ
GI
SGND
Figure 17. Buck configuration
In Boost and Buck-boost mode GI is connected to ADJ through a voltage divider.
The ratio of average LED current (ILED) to average sense resistor/coil
current is determined by voltage divider ratio (defined by the resistor
divider) at the GI pin.
⇒
−
=
D
1
I
I
LED
COIL
Standard boost converter equation
D
1
R
I
R
I
V
S
LED
S
COIL
RS
−
×
=
×
=
Sense resistor voltage
Now
ILED
=
=
S
REF
ADJ
ADJ
GI
R
mV
225
V
V
V
V
=
S
REF
ADJ
2
GI
1
GI
1
GI
R
mV
225
V
V
)
R
(R
R
+
Rearranging gives
:
REF
ADJ
LED
2
GI
1
GI
1
GI
s
V
V
I
mV
225
)
R
(R
R
R
+
=
RS
ISM
VIN
REF
ADJ
GI
SGND
RGI2
RGI1
Figure 18. Boost and Buck-boost connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com