Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1370 Datasheet(PDF) 32 Page - Diodes Incorporated

Part # ZXLD1370
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 32 Page - Diodes Incorporated

Back Button ZXLD1370 Datasheet HTML 27Page - Diodes Incorporated ZXLD1370 Datasheet HTML 28Page - Diodes Incorporated ZXLD1370 Datasheet HTML 29Page - Diodes Incorporated ZXLD1370 Datasheet HTML 30Page - Diodes Incorporated ZXLD1370 Datasheet HTML 31Page - Diodes Incorporated ZXLD1370 Datasheet HTML 32Page - Diodes Incorporated ZXLD1370 Datasheet HTML 33Page - Diodes Incorporated ZXLD1370 Datasheet HTML 34Page - Diodes Incorporated ZXLD1370 Datasheet HTML 35Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 3 - 2
32 of 35
www.diodes.com
February 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (Continued)
Typical Performance
Efficiency vs Input Voltage
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
16
18
20
22
24
26
28
30
32
Input Voltage
Figure 43. Efficiency
LED Current vs Input Voltage
0
50
100
150
200
250
300
350
400
450
16
18
20
22
24
26
28
30
32
Input Voltage
Figure 44. Line regulation
Example 3:
700mA Buck-Boost LED driver
In this application example, the ZXLD1370 is connected as a buck-boost LED driver. The schematic and parts list are
shown below. The LED driver is able to deliver 700mA of LED current into 4 high-brightness LEDs with an input voltage
range of 7V to 20V.
Since the Buck-boost LED driver handles an input voltage range from below and above the total LED voltage, the versatile
input voltage range make it ideal for automotive lighting applications.
Figure 45. Application circuit - 700mA Buck-Boost LED driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com