Electronic Components Datasheet Search
  English  ▼

X  

EC3H07BA Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # EC3H07BA
Description  UHF to S Band Low-Noise Amplifier and OSC Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC3H07BA Datasheet(HTML) 1 Page - Sanyo Semicon Device

  EC3H07BA Datasheet HTML 1Page - Sanyo Semicon Device EC3H07BA Datasheet HTML 2Page - Sanyo Semicon Device EC3H07BA Datasheet HTML 3Page - Sanyo Semicon Device EC3H07BA Datasheet HTML 4Page - Sanyo Semicon Device EC3H07BA Datasheet HTML 5Page - Sanyo Semicon Device EC3H07BA Datasheet HTML 6Page - Sanyo Semicon Device EC3H07BA Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EC3H07BA
No. A1069-1/7
www.semiconductor-sanyo.com/network
Ordering number : ENA1069
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
31710AB TK IM TC-00002251
SANYO Semiconductors
DATA SHEET
EC3H07BA
Features
•
Low noise : NF=1.5dB typ (f=2GHz).
•
High cutoff frequency : fT=10GHz typ (VCE=1V).
fT=12.5GHz typ (VCE=3V).
•
Low operating voltage.
•
High gain :
⏐S21e⏐
2=9.5dB typ (f=2GHz).
•
Ultraminiature (1006 size) and thin (0.50mm) leadless package .
•
Halogen free compliance (UL94HB).
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
9V
Collector-to-Emitter Voltage
VCEO
4V
Emitter-to-Base Voltage
VEBO
2V
Collector Current
IC
30
mA
Collector Dissipation
PC
100
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=5V, IE=0A
1.0
μA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0A
10
μA
DC Current Gain
hFE
VCE=1V, IC=5mA
100
160
Gain-Bandwidth Product
fT1VCE=1V, IC=5mA
8
10
GHz
fT2VCE=3V, IC=15mA
12.5
GHz
Continued on next page.
NPN Epitaxial Planar Silicon Transistor
UHF to S Band Low-Noise Amplifier
and OSC Applications


Similar Part No. - EC3H07BA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3H07B SANYO-EC3H07B Datasheet
33Kb / 6P
UHF to S Band Low-Noise Amplifier and OSC Applications
More results

Similar Description - EC3H07BA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5540 SANYO-2SC5540 Datasheet
30Kb / 3P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5645 SANYO-2SC5645 Datasheet
32Kb / 6P
UHF to S Band Low-Noise Amplifier and OSC Applications
EC3H06B SANYO-EC3H06B Datasheet
44Kb / 5P
UHF to S Band Low-Noise Amplifier and OSC Applications
EC3H07B SANYO-EC3H07B Datasheet
33Kb / 6P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5647 SANYO-2SC5647 Datasheet
36Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5782 SANYO-2SC5782 Datasheet
42Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5245A SANYO-2SC5245A Datasheet
63Kb / 6P
UHF to S-Band Low-Noise Amplifier OSC Applications
EC4H07CA SANYO-EC4H07CA Datasheet
64Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5245A SANYO-2SC5245A_12 Datasheet
458Kb / 8P
UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5646A SANYO-2SC5646A_12 Datasheet
444Kb / 9P
UHF to S-Band Low-Noise Amplifier, OSC Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com