Electronic Components Datasheet Search
  English  ▼

X  

EC3H07BA Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # EC3H07BA
Description  UHF to S Band Low-Noise Amplifier and OSC Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC3H07BA Datasheet(HTML) 5 Page - Sanyo Semicon Device

  EC3H07BA Datasheet HTML 1Page - Sanyo Semicon Device EC3H07BA Datasheet HTML 2Page - Sanyo Semicon Device EC3H07BA Datasheet HTML 3Page - Sanyo Semicon Device EC3H07BA Datasheet HTML 4Page - Sanyo Semicon Device EC3H07BA Datasheet HTML 5Page - Sanyo Semicon Device EC3H07BA Datasheet HTML 6Page - Sanyo Semicon Device EC3H07BA Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EC3H07BA
No. A1069-5/7
S Parameters (Common emitter)
VCE=1V, IC=10mA, ZO=50Ω
Freq(MHz)
⏐S11⏐
∠S11
⏐S21⏐
∠S21
⏐S12⏐
∠S12
⏐S22⏐
∠S22
200
0.739
--48.0
14.353
144.8
0.036
62.0
0.762
--37.5
400
0.613
--92.6
12.310
121.1
0.053
51.3
0.552
--56.6
600
0.545
--118.4
9.444
107.1
0.062
48.8
0.428
--67.0
800
0.500
--136.6
7.554
97.4
0.070
49.6
0.357
--73.3
1000
0.471
--147.1
6.164
91.2
0.077
51.3
0.313
--77.5
1200
0.450
--155.6
5.195
86.3
0.085
53.1
0.286
--81.0
1400
0.433
--162.7
4.491
82.2
0.093
54.8
0.269
--83.6
1600
0.422
--169.0
3.955
78.5
0.101
56.3
0.260
--85.7
1800
0.417
--175.0
3.541
75.3
0.110
57.7
0.256
--87.4
2000
0.417
179.5
3.215
72.3
0.119
58.9
0.255
--88.9
2200
0.421
174.4
2.952
69.3
0.128
59.5
0.259
--90.5
2400
0.430
169.9
2.735
66.4
0.138
60.1
0.264
--92.0
2600
0.441
166.0
2.549
63.5
0.148
60.5
0.273
--93.7
2800
0.451
162.6
2.387
60.7
0.158
60.5
0.282
--95.5
3000
0.461
159.9
2.243
57.9
0.167
60.5
0.291
--97.6
VCE=1V, IC=20mA, ZO=50Ω
Freq(MHz)
⏐S11⏐
∠S11
⏐S21⏐
∠S21
⏐S12⏐
∠S12
⏐S22⏐
∠S22
200
0.577
--86.1
19.236
130.6
0.029
59.4
0.620
--48.1
400
0.518
--128.2
14.120
108.8
0.041
53.0
0.409
--66.0
600
0.496
--146.3
10.087
98.3
0.050
55.5
0.313
--74.6
800
0.479
--157.0
7.764
91.5
0.058
58.5
0.264
--79.9
1000
0.463
--164.3
6.273
86.6
0.068
60.8
0.237
--83.8
1200
0.451
--170.3
5.254
82.5
0.077
62.6
0.220
--87.1
1400
0.441
--175.6
4.527
79.0
0.087
64.0
0.212
--89.7
1600
0.435
179.4
3.982
75.8
0.097
65.1
0.210
--91.7
1800
0.434
174.7
3.562
72.9
0.108
65.8
0.210
--93.2
2000
0.438
170.2
3.235
70.0
0.118
66.2
0.212
--94.5
2200
0.445
166.1
2.965
67.3
0.129
66.4
0.218
--95.8
2400
0.455
162.5
2.746
64.5
0.140
66.5
0.226
--96.9
2600
0.466
159.4
2.558
61.7
0.151
66.1
0.236
--98.3
2800
0.476
156.5
2.395
59.0
0.162
65.6
0.247
--99.8
3000
0.486
154.3
2.248
56.3
0.172
65.3
0.258
--101.7
VCE=3V, IC=1mA, ZO=50Ω
Freq(MHz)
⏐S11⏐
∠S11
⏐S21⏐
∠S21
⏐S12⏐
∠S12
⏐S22⏐
∠S22
200
0.980
--11.6
2.136
166.6
0.040
78.8
0.984
--9.4
400
0.974
--22.2
1.898
155.3
0.076
71.1
0.954
--18.2
600
0.959
--33.7
1.977
144.5
0.108
62.6
0.917
--26.3
800
0.926
--46.9
2.173
133.9
0.134
54.8
0.867
--33.3
1000
0.892
--54.6
1.907
123.2
0.154
48.4
0.823
--39.0
1200
0.832
--67.9
2.065
114.9
0.168
42.0
0.780
--44.5
1400
0.797
--74.5
1.818
107.7
0.177
36.5
0.747
--49.2
1600
0.728
--85.2
1.841
100.5
0.181
33.2
0.712
--52.9
1800
0.677
--93.4
1.740
94.4
0.183
29.5
0.691
--56.7
2000
0.638
--99.2
1.588
88.4
0.183
27.1
0.673
--60.0
2200
0.589
--109.2
1.585
83.4
0.182
26.0
0.657
--62.8
2400
0.572
--114.6
1.455
78.7
0.180
24.6
0.648
--65.9
2600
0.542
--124.8
1.459
74.2
0.180
24.3
0.642
--68.5
2800
0.540
--130.5
1.362
70.1
0.177
23.5
0.637
--71.5
3000
0.534
--137.9
1.321
66.1
0.175
23.4
0.633
--74.3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com