Electronic Components Datasheet Search
  English  ▼

X  

EC3H07BA Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # EC3H07BA
Description  UHF to S Band Low-Noise Amplifier and OSC Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC3H07BA Datasheet(HTML) 2 Page - Sanyo Semicon Device

  EC3H07BA Datasheet HTML 1Page - Sanyo Semicon Device EC3H07BA Datasheet HTML 2Page - Sanyo Semicon Device EC3H07BA Datasheet HTML 3Page - Sanyo Semicon Device EC3H07BA Datasheet HTML 4Page - Sanyo Semicon Device EC3H07BA Datasheet HTML 5Page - Sanyo Semicon Device EC3H07BA Datasheet HTML 6Page - Sanyo Semicon Device EC3H07BA Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EC3H07BA
No. A1069-2/7
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Output Capacitance
Cob
VCB=1V, f=1MHz
0.55
0.7
pF
Reverse Transfer Capacitance
Cre
VCB=1V, f=1MHz
0.4
pF
Forward Transfer Gain
⏐S21e⏐
2
1VCE=1V, IC=5mA, f=2GHz
8
9.5
dB
⏐S21e⏐
2
2VCE=3V, IC=15mA, f=2GHz
10.5
dB
Noise Figure
NF
VCE=1V, IC=3mA, f=2GHz
1.5
2.3
dB
Package Dimensions
unit : mm (typ)
7039A-005
Marking (Top view)
Electrical Connection (Top view)
Polarity mark (Top)
Base
Emitter
Collector
*Electrodes : on the bottom
Polarity mark (Top)
Base
Emitter
Collector
G
This product adopts a
high-frequency process.
Please be careful when
handling it beause it is
susceptible to static
electricity.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com