Electronic Components Datasheet Search
  English  ▼

X  

LTM4603 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4603
Description  10A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4603 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4603 Datasheet HTML 16Page - Linear Technology LTM4603 Datasheet HTML 17Page - Linear Technology LTM4603 Datasheet HTML 18Page - Linear Technology LTM4603 Datasheet HTML 19Page - Linear Technology LTM4603 Datasheet HTML 20Page - Linear Technology LTM4603 Datasheet HTML 21Page - Linear Technology LTM4603 Datasheet HTML 22Page - Linear Technology LTM4603 Datasheet HTML 23Page - Linear Technology LTM4603 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTM4600
20
4600fc
4600 TA02
R4
15.8k
1%
EXTVCC
RUN
COMP
FCB
VOUT
VOUT = 0.6V • ([100k/N] + RSET)/RSET
WHERE N = 2
C1, C3, C7, C8: TDK C3216X5R1E106MT
C2, C9: TAIYO YUDEN, JMK316BJ226ML-T501
C5, C10: SANYO POSCAP, 4TPE470MCL
PGOOD
VOSET
SVIN
PGND
SGND
2.5V AT 20A
4.5V TO 20V
2.5V
2.5V
C7
10μF
25V
C8
10μF
25V
C10
470μF
4V
C9
22μF
x3
VIN
LTM4600
fADJ
R1
100k
EXTVCC
RUN
COMP
FCB
VOUT
PGOOD
VOSET
SVIN
PGND
SGND
C1
10μF
25V
RUN/SOFT-START
C3
10μF
25V
C4
220pF
C5
470μF
4V
C2
22μF
x3
VIN
LTM4600
fADJ
+
+
TOTAL LOAD
0
12
10
8
6
4
2
0
5
10
15
4600 TA03
20
IOUT1
IOUT2
12VIN
2.5VOUT
20AMAX
Current Sharing Between Two
LTM4600 Modules
Parallel Operation and Load Sharing
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com