Electronic Components Datasheet Search
  English  ▼

X  

LTM4603 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM4603
Description  10A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4603 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM4603 Datasheet HTML 16Page - Linear Technology LTM4603 Datasheet HTML 17Page - Linear Technology LTM4603 Datasheet HTML 18Page - Linear Technology LTM4603 Datasheet HTML 19Page - Linear Technology LTM4603 Datasheet HTML 20Page - Linear Technology LTM4603 Datasheet HTML 21Page - Linear Technology LTM4603 Datasheet HTML 22Page - Linear Technology LTM4603 Datasheet HTML 23Page - Linear Technology LTM4603 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTM4600
24
4600fc
© LINEAR TECHNOLOGY CORPORATION 2006
LT 0807 REV C • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
1.8V, 10A Regulator
4600 TA04
C1, C2: TDK C3216X5R1E106MT
C3: TAIYO YUDEN, JMK316BJ226ML-T501
C4: SANYO POSCAP, 4TPE470MCL
1.8V AT 10A
4.5V AT 20V
R1
100k
EXTVCC
RUN
COMP
FCB
VOUT
PGOOD
VOSET
SVIN
PGND
SGND
C1
10μF
25V
C2
10μF
25V
C5
100pF
C4
470μF
4V
PGOOD
C3
22μF
x3
VIN
LTM4600
fADJ
R2
49.9k
1%
+
This product contains technology licensed from Silicon Semiconductor Corporation.
®
PART NUMBER
DESCRIPTION
COMMENTS
LTC2900
Quad Supply Monitor with Adjustable Reset Timer
Monitors Four Supplies; Adjustable Reset Timer
LTC2923
Power Supply Tracking Controller
Tracks Both Up and Down; Power Supply Sequencing
LT3825/LT3837
Synchronous Isolated Flyback Controllers
No Optocoupler Required; 3.3V, 12A Output; Simple Design
LTM4601
12A DC/DC μModule with PLL, Output Tracking/
Margining and Remote Sensing
Synchronizable, PolyPhase Operation, LTM4601-1 Version has no Remote
Sensing
LTM4602
6A DC/DC μModule
Pin Compatible with the LTM4600
LTM4603
6A DC/DC μModule with PLL and Outpupt Tracking/
Margining and Remote Sensing
Synchronizable, PolyPhase Operation, LTM4603-1 Version has no Remote
Sensing, Pin Compatible with the LTM4601
TYPICAL APPLICATION
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com