Electronic Components Datasheet Search
  English  ▼

X  

BF904 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BF904
Description  N-channel dual gate MOS-FETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF904 Datasheet(HTML) 5 Page - NXP Semiconductors

  BF904_07 Datasheet HTML 1Page - NXP Semiconductors BF904_07 Datasheet HTML 2Page - NXP Semiconductors BF904_07 Datasheet HTML 3Page - NXP Semiconductors BF904_07 Datasheet HTML 4Page - NXP Semiconductors BF904_07 Datasheet HTML 5Page - NXP Semiconductors BF904_07 Datasheet HTML 6Page - NXP Semiconductors BF904_07 Datasheet HTML 7Page - NXP Semiconductors BF904_07 Datasheet HTML 8Page - NXP Semiconductors BF904_07 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NXP Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF904; BF904R
Fig.4
Transfer admittance as a function of the
junction temperature; typical values.
50
0
50
150
30
0
MLD268
100
T ( C)
o
j
Yfs
(mS)
40
20
10
Fig.5
Typical gain reduction as a function of
the AGC voltage.
f = 50 MHz.
handbook, halfpage
0
10
20
30
40
50
01234
V
(V)
AGC
gain
reduction
(dB)
MRA769
Fig.6
Unwanted voltage for 1% cross-modulation
as a function of gain reduction; typical
values; see Fig.20.
VDS = 5 V; VGG = 5 V; fw = 50 MHz.
funw = 60 MHz; Tamb =25 °C; RG1 = 120 kΩ.
handbook, halfpage
80
90
100
110
120
0
1020
304050
Vunw
(dB V)
gain reduction (dB)
MRA771
µ
Fig.7 Transfer characteristics; typical values.
VDS =5V.
Tj =25 °C.
0
20
10
15
5
0
0.4
2.0
MLD270
0.8
1.2
1.6
I D
(mA)
V
(V)
G1 S
2 V
1.5 V
1 V
V
= 4 V
3 V
2.5 V
G2 S
Rev. 06 - 13 November 2007
5 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com