Electronic Components Datasheet Search
  English  ▼

X  

BF904 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BF904
Description  N-channel dual gate MOS-FETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF904 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BF904_07 Datasheet HTML 3Page - NXP Semiconductors BF904_07 Datasheet HTML 4Page - NXP Semiconductors BF904_07 Datasheet HTML 5Page - NXP Semiconductors BF904_07 Datasheet HTML 6Page - NXP Semiconductors BF904_07 Datasheet HTML 7Page - NXP Semiconductors BF904_07 Datasheet HTML 8Page - NXP Semiconductors BF904_07 Datasheet HTML 9Page - NXP Semiconductors BF904_07 Datasheet HTML 10Page - NXP Semiconductors BF904_07 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NXP Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF904; BF904R
Fig.12 Drain current as a function of gate 1
supply voltage (= VGG); typical values;
see Fig.20.
VDS = 5 V; VG2-S =4V.
RG1 = 120 kΩ (connected to VGG); Tj =25 °C.
handbook, halfpage
0
12
8
4
0
15
MLD275
23
4
I D
(mA)
V
(V)
GG
Fig.13 Drain current as a function of gate 1
(= VGG) and drain supply voltage;
typical values; see Fig.20.
VG2-S =4V.
RG1 connected to VGG; Tj =25 °C.
handbook, halfpage
0
20
10
15
5
0
24
8
MLD274
6
V
= V
(V)
GG
DS
I D
(mA)
R
= 47 k
Ω
G1
68 k
Ω
82 k
Ω
100 k
Ω
120 k
Ω
150 k
Ω
180 k
Ω
220 k
Ω
VDS = 5 V; Tj =25 °C.
RG1 = 120 kΩ (connected to VGG).
Fig.14 Drain current as a function of gate 2 voltage;
typical values; see Fig.20.
handbook, halfpage
024
6
12
0
MLD276
8
4
I D
(mA)
4.5 V
4 V
3.5 V
3 V
V
(V)
G2 S
V
= 5 V
GG
Fig.15 Gate 1 current as a function of gate 2
voltage; typical values; see Fig.20.
VDS = 5 V; Tj =25 °C.
RG1 = 120 kΩ (connected to VGG).
handbook, halfpage
02
46
40
30
10
0
20
MLB945
I G1
(
µA)
V
(V)
G2 S
4.5 V
4 V
3.5 V
3 V
V
= 5 V
GG
Rev. 06 - 13 November 2007
7 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com