Electronic Components Datasheet Search
  English  ▼

X  

STK22C48 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # STK22C48
Description  16-Kbit (2 K 횞 8) AutoStore??nvSRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK22C48 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button STK22C48 Datasheet HTML 3Page - Cypress Semiconductor STK22C48 Datasheet HTML 4Page - Cypress Semiconductor STK22C48 Datasheet HTML 5Page - Cypress Semiconductor STK22C48 Datasheet HTML 6Page - Cypress Semiconductor STK22C48 Datasheet HTML 7Page - Cypress Semiconductor STK22C48 Datasheet HTML 8Page - Cypress Semiconductor STK22C48 Datasheet HTML 9Page - Cypress Semiconductor STK22C48 Datasheet HTML 10Page - Cypress Semiconductor STK22C48 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STK22C48
Document Number: 001-51000 Rev. *D
Page 7 of 17
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. These user guidelines are not tested.
Storage temperature ................................ –65
°C to +150 °C
Temperature under bias............................ –55
°C to +125 °C
Supply voltage on VCC relative to VSS............–0.5 V to 7.0 V
Voltage on input relative to VSS ........... –0.6 V to VCC + 0.5 V
Voltage on DQ0-7 or HSB .....................–0.5 V to Vcc + 0.5 V
Power dissipation ........................................................ 1.0 W
DC output current (1 output at a time, 1 s duration) .... 15 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0
°C to +70 °C
4.5 V to 5.5 V
Industrial
–40
°C to +85 °C
4.5 V to 5.5 V
DC Electrical Characteristics
Over the operating range (VCC = 4.5 V to 5.5 V) [3]
Parameter
Description
Test Conditions
Min
Max
Unit
ICC1
Average VCC current
tRC = 25 ns
tRC = 45 ns
Dependent on output loading and cycle rate.
Values obtained without output loads.
IOUT = 0 mA.
Commercial
–
85
65
mA
mA
Industrial
–
90
65
mA
mA
ICC2
Average VCC current during
STORE
All inputs Do Not Care, VCC = Max
Average current for duration tSTORE
–3
mA
ICC3
Average VCC current at
tRC = 200 ns, 5 V, 25 °C typical
WE > (VCC – 0.2 V). All other inputs cycling.
Dependent on output loading and cycle rate. Values obtained
without output loads.
–10
mA
ICC4
Average VCAP current during
AutoStore cycle
All inputs Do Not Care, VCC = Max
Average current for duration tSTORE
–2
mA
ISB1[4]
Average Vcc current
(Standby, cycling TTL input
levels)
tRC = 25 ns, CE > VIH
tRC = 45 ns, CE > VIH
Commercial
–
25
18
mA
mA
Industrial
–
26
19
mA
mA
ISB2[4]
VCC standby current
CE > (VCC – 0.2 V). All others VIN < 0.2 V or > (VCC – 0.2 V).
Standby current level after nonvolatile cycle is complete.
Inputs are static. f = 0 MHz.
–1.5
mA
IILK
Input leakage current
VCC = Max, VSS < VIN < VCC
–1
+1
μA
IOLK
Off state output leakage
current
VCC = Max, VSS < VIN < VCC, CE or OE > VIH or WE < VIL
–5
+5
μA
VIH
Input HIGH voltage
2.2
VCC + 0.5 V
VIL
Input LOW voltage
VSS – 0.5
0.8
V
VOH
Output HIGH voltage
IOUT = –4 mA except HSB
2.4
–
V
VOL
Output LOW voltage
IOUT = 8 mA except HSB
–0.4
V
VBL
Logic ‘0’ voltage on HSB output IOUT = 3 mA
–
0.4
V
VCAP
Storage capacitor
Between VCAP pin and Vss, 6 V rated. 68 µF –10%, +20%
nom.
61
220
µF
Data Retention and Endurance
Parameter
Description
Min
Unit
DATAR
Data retention
100
Years
NVC
Nonvolatile STORE operations
1,000
K
Notes
3. VCC reference levels throughout this data sheet refer to VCC if that is where the power supply connection is made, or VCAP if VCC is connected to ground.
4. CE > VIH does not produce standby current levels until any nonvolatile cycle in progress has timed out.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com