Electronic Components Datasheet Search
  English  ▼

X  

STK22C48 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # STK22C48
Description  16-Kbit (2 K 횞 8) AutoStore??nvSRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK22C48 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button STK22C48 Datasheet HTML 4Page - Cypress Semiconductor STK22C48 Datasheet HTML 5Page - Cypress Semiconductor STK22C48 Datasheet HTML 6Page - Cypress Semiconductor STK22C48 Datasheet HTML 7Page - Cypress Semiconductor STK22C48 Datasheet HTML 8Page - Cypress Semiconductor STK22C48 Datasheet HTML 9Page - Cypress Semiconductor STK22C48 Datasheet HTML 10Page - Cypress Semiconductor STK22C48 Datasheet HTML 11Page - Cypress Semiconductor STK22C48 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
STK22C48
Document Number: 001-51000 Rev. *D
Page 8 of 17
Capacitance
In the following table, the capacitance parameters are listed.[5]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 °C, f = 1 MHz,
VCC = 0 to 3.0 V
8pF
COUT
Output capacitance
7pF
Thermal Resistance
In the following table, the thermal resistance parameters are listed.[5]
Parameter
Description
Test Conditions
28-SOIC
(300 mil)
28-SOIC
(330 mil)
Unit
Θ
JA
Thermal resistance
(junction to ambient)
Test conditions follow standard test methods
and procedures for measuring thermal
impedance, per EIA / JESD51.
TBD
TBD
°C/W
Θ
JC
Thermal resistance
(junction to case)
TBD
TBD
°C/W
Figure 6. AC Test Loads
AC Test Conditions
5.0 V
Output
30 pF
R1 963
Ω
R2
512
Ω
5.0 V
Output
5 pF
R1 963
Ω
R2
512
Ω
For Tri-state Specs
Input pulse levels.................................................... 0 V to 3 V
Input rise and fall times (10% to 90%)......................... < 5 ns
Input and output timing reference levels ....................... 1.5 V
Note
5. These parameters are guaranteed by design and are not tested.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com