Electronic Components Datasheet Search
  English  ▼

X  

STK22C48 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # STK22C48
Description  16-Kbit (2 K 횞 8) AutoStore??nvSRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK22C48 Datasheet(HTML) 1 Page - Cypress Semiconductor

  STK22C48 Datasheet HTML 1Page - Cypress Semiconductor STK22C48 Datasheet HTML 2Page - Cypress Semiconductor STK22C48 Datasheet HTML 3Page - Cypress Semiconductor STK22C48 Datasheet HTML 4Page - Cypress Semiconductor STK22C48 Datasheet HTML 5Page - Cypress Semiconductor STK22C48 Datasheet HTML 6Page - Cypress Semiconductor STK22C48 Datasheet HTML 7Page - Cypress Semiconductor STK22C48 Datasheet HTML 8Page - Cypress Semiconductor STK22C48 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
STK22C48
16-Kbit (2 K × 8) AutoStore™ nvSRAM
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 001-51000 Rev. *D
Revised March 7, 2011
16-Kbit (2 K × 8) AutoStore nvSRAM
Features
■ 25 ns and 45 ns access times
■ Hands off automatic STORE on power-down with external
68 µF capacitor
■ STORE to QuantumTrap™ nonvolatile elements is initiated by
software, hardware, or AutoStore™ on power-down
■ RECALL to SRAM initiated by software or power-up
■ Unlimited read, write, and RECALL cycles
■ 1,000,000 STORE cycles to QuantumTrap
■ 100 year data retention to QuantumTrap
■ Single 5 V +10% operation
■ Commercial and industrial temperatures
■ 28-pin 300 mil and (330 mil) Small outline integrated circuit
(SOIC) package
■ Restriction of hazardous substances (RoHS) compliant
Functional Description
The Cypress STK22C48 is a fast static RAM with a nonvolatile
element in each memory cell. The embedded nonvolatile
elements incorporate QuantumTrap technology producing the
world’s most reliable nonvolatile memory. The SRAM provides
unlimited read and write cycles, while independent nonvolatile
data resides in the highly reliable QuantumTrap cell. Data
transfers from the SRAM to the nonvolatile elements (the
STORE operation) takes place automatically at power-down. On
power-up, data is restored to the SRAM (the RECALL operation)
from the nonvolatile memory. A hardware STORE is initiated with
the HSB pin.
STORE/
RECALL
CONTROL
POWER
CONTROL
STATIC RAM
ARRAY
32 X 512
Quantum Trap
32 X 512
STORE
RECALL
COLUMN I/O
COLUMN DEC
OE
CE
WE
HSB
VCC
VCAP
A0 A1 A2 A3 A4 A10
A5
A6
A7
A8
A9
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
Logic Block Diagram
[+] Feedback


Similar Part No. - STK22C48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK22C48 SIMTEK-STK22C48 Datasheet
344Kb / 15P
2Kx8 AutoStore nvSRAM
STK22C48 SIMTEK-STK22C48 Datasheet
316Kb / 16P
2Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK22C48 CYPRESS-STK22C48 Datasheet
514Kb / 14P
16 Kbit (2K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK22C48-N25 SIMTEK-STK22C48-N25 Datasheet
344Kb / 15P
2Kx8 AutoStore nvSRAM
More results

Similar Description - STK22C48

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK22C48 CYPRESS-STK22C48 Datasheet
514Kb / 14P
16 Kbit (2K x 8) AutoStore nvSRAM
CY14B256LA CYPRESS-CY14B256LA_11 Datasheet
790Kb / 22P
256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_12 Datasheet
863Kb / 22P
256-Kbit (32 K 횞 8) nvSRAM
CY14C256Q CYPRESS-CY14C256Q_12 Datasheet
1Mb / 32P
256-Kbit (32 K 횞 8) SPI nvSRAM
CY14C512Q CYPRESS-CY14C512Q_12 Datasheet
1Mb / 32P
512-Kbit (64 K 횞 8) SPI nvSRAM
CY14E256LA CYPRESS-CY14E256LA_12 Datasheet
834Kb / 19P
256-Kbit (32 K 횞 8) nvSRAM
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
64-Kbit (8 K 횞 8) SPI nvSRAM
CY14U256LA CYPRESS-CY14U256LA Datasheet
499Kb / 22P
256-Kbit (32 K 횞 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com