Electronic Components Datasheet Search
  English  ▼

X  

VTM3 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VTM3
Description  Voltage Controlled Temperature Compensated Crystal Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VTM3 Datasheet(HTML) 1 Page - Vectron International, Inc

  VTM3 Datasheet HTML 1Page - Vectron International, Inc VTM3 Datasheet HTML 2Page - Vectron International, Inc VTM3 Datasheet HTML 3Page - Vectron International, Inc VTM3 Datasheet HTML 4Page - Vectron International, Inc VTM3 Datasheet HTML 5Page - Vectron International, Inc VTM3 Datasheet HTML 6Page - Vectron International, Inc VTM3 Datasheet HTML 7Page - Vectron International, Inc VTM3 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vectron International 267 Lowell Road, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
VTM3 series
Voltage Controlled Temperature Compensated Crystal Oscillator
The VTM3, VCTXCO
Features
• Small 3.2x2.5 package size
• Clipped Sine Wave Output
• Output Frequencies to 45 MHz
• Fundamental Crystal Design
• Optional VCXO Function available
• Gold over nickel contact pads
• Hermetically Sealed Ceramic SMD package
• Product is compliant to RoHS directive
and fully compatible with lead free assembly
Applications
• GPS
• WiMAX, Wi-Fi, Wi-LAN
• Seismic Exploration
• Point to point radios
• Broadband Access
• Test Equipment
• PDA’s
Description
Vectron’s VTM3 Temperature Compensated
Crystal Oscillator (TCXO) is a quartz stabilized,
clipped sine wave output, temperature
compensated oscillator, operating off either 2.8,
3.0, or 3.3 volt supply.


Similar Part No. - VTM3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
VTM3 MACOM-VTM3 Datasheet
229Kb / 1P
Interval Timing Module
logo
Vicor Corporation
VTM36BF015M080A00 VICOR-VTM36BF015M080A00 Datasheet
2Mb / 31P
High Efficiency, Sine Amplitude Converter
VTM36BH015M080A00 VICOR-VTM36BH015M080A00 Datasheet
2Mb / 31P
High Efficiency, Sine Amplitude Converter
VTM36BT015M080A00 VICOR-VTM36BT015M080A00 Datasheet
2Mb / 31P
High Efficiency, Sine Amplitude Converter
logo
Tyco Electronics
VTM3ACD MACOM-VTM3ACD Datasheet
229Kb / 1P
Interval Timing Module
More results

Similar Description - VTM3

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VTC21 VECTRON-VTC21 Datasheet
187Kb / 6P
Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-12 ABRACON-ASTX-12 Datasheet
2Mb / 2P
TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
03.01.07
ASVTX-09 ABRACON-ASVTX-09 Datasheet
154Kb / 2P
VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.03.07
ASVTX-09 ABRACON-ASVTX-09_07 Datasheet
155Kb / 2P
VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
logo
Vectron International, ...
VTC1 VECTRON-VTC1 Datasheet
202Kb / 9P
Voltage Controlled Temperature Compensated Crystal Oscillator
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
RF Monolithics, Inc
XVT9009 RFM-XVT9009 Datasheet
564Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9006 RFM-XVT9006 Datasheet
453Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003-1 RFM-XVT9003-1 Datasheet
462Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003 RFM-XVT9003 Datasheet
284Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com