Electronic Components Datasheet Search
  English  ▼

X  

VTM3 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # VTM3
Description  Voltage Controlled Temperature Compensated Crystal Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VTM3 Datasheet(HTML) 3 Page - Vectron International, Inc

  VTM3 Datasheet HTML 1Page - Vectron International, Inc VTM3 Datasheet HTML 2Page - Vectron International, Inc VTM3 Datasheet HTML 3Page - Vectron International, Inc VTM3 Datasheet HTML 4Page - Vectron International, Inc VTM3 Datasheet HTML 5Page - Vectron International, Inc VTM3 Datasheet HTML 6Page - Vectron International, Inc VTM3 Datasheet HTML 7Page - Vectron International, Inc VTM3 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VTM3 Data Sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
Figure 2. Clipped Sine Wave Output
VCXO Functional Description
VCXO Feature: The VTM3 can be ordered with a VCXO function for applications where it will be used in
a PLL, or the output frequency needs fine tune adjustments. This is a high impedance input, 0.5 Mohm,
and can be driven with an op-amp or terminated with adjustable resistors etc. Pin 1 should not be left
floating on the VCXO optional devices.
“No Adjust” Feature: In applications where the VTM3 will not be used in a PLL, or the output frequency
does not fine tune adjustments, the best device to use would be a VTM3-x0xx. By using the “no adjust”
option, the circuit is simplified as Vc does not need to adjusted or set to a predetermined voltage and pin
1 should be grounded (pin 1 can be left open but should not be set to a voltage such as the supply).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com