Electronic Components Datasheet Search
  English  ▼

X  

MIC2086 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2086
Description  Single Channel Hot Swap Controllers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2086 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2086 Datasheet HTML 1Page - Micrel Semiconductor MIC2086 Datasheet HTML 2Page - Micrel Semiconductor MIC2086 Datasheet HTML 3Page - Micrel Semiconductor MIC2086 Datasheet HTML 4Page - Micrel Semiconductor MIC2086 Datasheet HTML 5Page - Micrel Semiconductor MIC2086 Datasheet HTML 6Page - Micrel Semiconductor MIC2086 Datasheet HTML 7Page - Micrel Semiconductor MIC2086 Datasheet HTML 8Page - Micrel Semiconductor MIC2086 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Micrel, Inc.
MIC2085/2086
May 2006
2
M9999-050406
(408) 955-1690
Ordering Information
Part Number
Standard
Pb-Free
Fast Circuit Breaker Threshold
Discharge Output
Package
MIC2085-xBQS
MIC2085-xYQS
x = J, 95mV
x = K, 150mV*
x = L, 200mV*
x = M, Off
NA
16-Pin QSOP
MIC2086-xBQS
MIC2086-xYQS
x = J, 95mV
x = K, 150mV*
x = L, 200mV*
x = M, Off
Yes
20-Pin QSOP
* Contact factory for availability.
Pin Configuration
MIC2085
MIC2086
16-Pin QSOP (QS)
20-Pin QSOP (QS)
Pin Description
Pin Number
MIC2086
Pin Number
MIC2085
Pin Name
Pin Function
1
1
CRWBR
Overvoltage Timer and Crowbar Circuit Trigger: A capacitor connected to this
pin, sets the timer duration for which an overvoltage condition will trigger an
external crowbar circuit. This timer begins when the OV input rises above its
threshold as an internal 45µA current source charges the capacitor. Once the
voltage reaches 470mV, the current increases to 1.5mA.
2
2
CFILTER
Current Limit Response Timer: A capacitor connected to this pin defines the
period of time (tOCSLOW) in which an overcurrent event must last to signal a fault
condition and trip the circuit breaker. If no capacitor is connected, then tOCSLOW
defaults to 5µs.
3
3
CPOR
Power-On Reset Timer: A capacitor connected between this pin and ground
sets the start-up delay (tSTART) and the power-on reset interval (tPOR). When VCC
rises above the UVLO threshold, the capacitor connected to CPOR begins to
charge. When the voltage at CPOR crosses 1.24V, the start-up threshold
(VSTART), a start cycle is initiated if ON is asserted while capacitor CPOR is
immediately discharged to ground. When the voltage at FB rises above VFB,
capacitor CPOR begins to charge again. When the voltage at CPOR rises above
the power-on reset delay threshold (VTH), the timer resets by pulling CPOR to
ground, and /POR is deasserted. If CPOR = 0, then tSTART defaults to 20µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com