Electronic Components Datasheet Search
  English  ▼

X  

MIC2086 Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC2086
Description  Single Channel Hot Swap Controllers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2086 Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC2086 Datasheet HTML 17Page - Micrel Semiconductor MIC2086 Datasheet HTML 18Page - Micrel Semiconductor MIC2086 Datasheet HTML 19Page - Micrel Semiconductor MIC2086 Datasheet HTML 20Page - Micrel Semiconductor MIC2086 Datasheet HTML 21Page - Micrel Semiconductor MIC2086 Datasheet HTML 22Page - Micrel Semiconductor MIC2086 Datasheet HTML 23Page - Micrel Semiconductor MIC2086 Datasheet HTML 24Page - Micrel Semiconductor MIC2086 Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Micrel, Inc.
MIC2085/2086
May 2006
21
M9999-050406
(408) 955-1690
Auto-Retry Upon Overcurrent Faults
The MIC2085/86 can be configured for automatic restart
after a fault condition. Placing a diode between the ON
and/FAULT pins, as shown in Figure 9, will enable the
auto-restart capability of the controller. When an
application is configured for auto-retry, the overcurrent
timer should be set to minimize the duty cycle of the
overcurrent response to prevent thermal runaway of the
power MOSFET. See “MOSFET Transient Thermal
Issues” section for further detail. A limited duty cycle is
achieved when the overcurrent timer duration (tOCSLOW) is
much less than the start-up delay timer duration (tSTART)
and is calculated using the following equation:
100%
t
t
Cycle
Duty
Retry
Auto
START
OCSLOW ×
=
−
(10)
An InfiniBand™ Application Circuit
The circuit in Figure 10 depicts a single 50W
InfiniBand™ module using the MIC2085 controller. An
InfiniBand™ backplane distributes bulk power to multiple
plug-in modules that employ DC/DC converters for local
supply requirements. The circuit in Figure 10 distributes
12V from the backplane to the MIC2182 DC/DC
converter that steps down +12V to+3.3V for local bias.
The pass transistor, Q1, isolates theMIC2182’s input
capacitance during module plug-in and allows the
backplane to accommodate additional plug-in modules
without affecting the other modules on the backplane.
The two control input signals are VBxEn_L (active LOW)
and a Local Power Enable (active HIGH). The MIC2085
in the circuit of Figure 10 performs a number of
functions. The gate output of Q1 is enabled by the two
bit input signal VBxEn_L, Local Power Enable = [0,1].
Also, the MIC2085 limits the drain current of Q1 to 7A,
monitors VB_In for an overvoltage condition greater than
16V, and enables the MIC2182 DC/DC converter
downstream to supply a local voltage rail. The
uncommitted comparator is used to monitor VB_In for an
undervoltage condition of less than 10V, indicated by a
logic LOW at the comparator output (COMPOUT).
COMPOUT may be used to control a downstream
device such as another DC/DC converter. Additionally,
the MIC2085 is configured for auto-retry upon an
overcurrent fault condition by placing a diode (D1)
between the /FAULT and ON pins of the controller.
Figure 9. Auto-Retry Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com