Electronic Components Datasheet Search
  English  ▼

X  

MIC2086 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2086
Description  Single Channel Hot Swap Controllers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2086 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2086 Datasheet HTML 1Page - Micrel Semiconductor MIC2086 Datasheet HTML 2Page - Micrel Semiconductor MIC2086 Datasheet HTML 3Page - Micrel Semiconductor MIC2086 Datasheet HTML 4Page - Micrel Semiconductor MIC2086 Datasheet HTML 5Page - Micrel Semiconductor MIC2086 Datasheet HTML 6Page - Micrel Semiconductor MIC2086 Datasheet HTML 7Page - Micrel Semiconductor MIC2086 Datasheet HTML 8Page - Micrel Semiconductor MIC2086 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Micrel, Inc.
MIC2085/2086
May 2006
3
M9999-050406
(408) 955-1690
Pin Description (Cont.)
Pin Number
MIC2086
Pin Number
MIC2085
Pin Name
Pin Function
4
4
ON
ON Input: Active high. The ON pin, an input to a Schmitt-triggered comparator
used to enable/disable the controller, is compared to a VTH reference with
100mV of hysteresis. Once a logic high is applied to the ON pin (VON > 1.24V), a
start-up sequence is initiated as the GATE pin starts ramping up towards its final
operating voltage. When the ON pin receives a low logic signal (VON < 1.14V),
the GATE pin is grounded and /FAULT is high if VCC is above the UVLO
threshold. ON must be low for at least 20µs in order to initiate a start-up
sequence. Additionally, toggling the ON pin LOW to HIGH resets the circuit
breaker.
5
5
/POR
Power-On Reset Output: Open drain N-Channel device, active low. This pin
remains asserted during start-up until a time period tPOR after the FB pin voltage
rises above the power-good threshold (VFB). The timing capacitor CPOR
determines tPOR. When an output undervoltage condition is detected at the FB
pin, /POR is asserted for a minimum of one timing cycle, tPOR. The /POR pin has
a weak pull-up to VCC
6
NA
PWRGD
Power-Good Output: Open drain N-Channel device, active high. When the
voltage at the FB pin is lower than 1.24V, the PWRGD output is held low. When
the voltage at the FB pin is higher than 1.24V, then PWRGD is asserted. A pull-
up resistor connected to this pin and to VCC will pull the output up to VCC. The
PWRGD pin has a weak pull-up to VCC.
7
6
/FAULT
Circuit Breaker Fault Status Output: Open drain N-Channel device, active low.
The /FAULT pin is asserted when the circuit breaker trips due to an overcurrent
condition. Also, this pin indicates undervoltage lockout and overvoltage fault
conditions. The /FAULT pin has a weak pull-up to VCC.
8
7
FB
Power-Good Threshold Input: This input is internally compared to a 1.24V
reference with 3mV of hysteresis. An external resistive divider may be used to
set the voltage at this pin. If this input momentarily goes below 1.24V, then /POR
is activated for one timing cycle, tPOR, indicating an output undervoltage
condition. The /POR signal de-asserts one timing cycle after the FB pin exceeds
the power-good threshold by 3mV. A 5µs filter on this pin prevents glitches from
inadvertently activating this signal.
9, 10
8
GND
Ground Connection: Tie to analog ground
11
9
OV
OV Input: When the voltage on OV exceeds its trip threshold, the GATE pin is
pulled low and the CRWBR timer starts. If OV remains above its threshold long
enough for CRWBR to reach its trip threshold, the circuit breaker is tripped.
Otherwise, the GATE pin begins to ramp up one POR timing cycle after OV
drops below its trip threshold.
12
10
COMPOUT
Uncommitted Comparator’s Open Drain Output.
13
11
COMP+
Comparator’s Non-Inverting Input.
14
12
COMP-
Comparator’s Inverting Input.
15
Na
DIS
Discharge Output: When the MIC2086 is turned off, a 550Ω internal resistor at
this output allows the discharging of any load capacitance to ground.
16
13
REF
Reference Output: 1.24V nominal. Tie a 0.1µF capacitor to ground to ensure
stability.
17
14
GATE
Gate Drive Output: Connects to the gate of an external N-Channel MOSFET. An
internal clamp ensures that no more than 13V is applied between the GATE pin
and the source of the external MOSFET. The GATE pin is immediately brought
low when either the circuit breaker trips or an undervoltage lockout condition
occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com